Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD2979 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD2979
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2979 Datasheet(HTML) 1 Page - STMicroelectronics

  LD2979 Datasheet HTML 1Page - STMicroelectronics LD2979 Datasheet HTML 2Page - STMicroelectronics LD2979 Datasheet HTML 3Page - STMicroelectronics LD2979 Datasheet HTML 4Page - STMicroelectronics LD2979 Datasheet HTML 5Page - STMicroelectronics LD2979 Datasheet HTML 6Page - STMicroelectronics LD2979 Datasheet HTML 7Page - STMicroelectronics LD2979 Datasheet HTML 8Page - STMicroelectronics LD2979 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LD2979
SERIES
VERY LOW DROP
VOLTAGE REGULATORS WITH INHIBIT
April 2000
s
VERY LOW DROPOUT VOLTAGE
(0.2V TYP. AT 50mA LOAD)
s
VERY LOW QUIESCENT CURRENT
(TYP. 500
µA AT50mA LOAD)
s
OUTPUT CURRENT UP TO 50 mA
s
LOGIC-CONTROLLED ELECTRONIC
SHUTDOWN
s
OUTPUT VOLTAGES OF 2.85; 3.0; 3.2; 3.3;
3.8; 5.0V
s
INTERNAL CURRENT AND THERMAL LIMIT
s
SUPPLY VOLTAGE REJECTION: 63dB (TYP)
s
ONLY 1
µF FOR STABILITY
s
SELECTION AT 25
oC
s
TEMPERATURE RANGE: -25 TO 125
oC
s
PACKAGE AVAILABLE:SOT23-5L AND TO-92
DESCRIPTION
The LD2979 series are very Low Drop regulators
available in SOT23-5L and TO-92.
The very low drop-voltage and the very low
quiescent current make them particularly suitable
for low noise, low power applications and in
battery powered systems.
Shutdown Logic Control function is available on
five pin version (TTL compatible). This means
that when the device is used as local regulator, it
is possible to put a part of the board in standby,
decreasing the total power consumption.
SCHEMATIC DIAGRAM
SOT23-5L
TO-92
®
1/9


Similar Part No. - LD2979

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD2979M30TR STMICROELECTRONICS-LD2979M30TR Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LD2979M33TR STMICROELECTRONICS-LD2979M33TR Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LD2979M38TR STMICROELECTRONICS-LD2979M38TR Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LD2979M50TR STMICROELECTRONICS-LD2979M50TR Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
More results

Similar Description - LD2979

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
KFXXB STMICROELECTRONICS-KFXXB Datasheet
740Kb / 22P
Very low drop voltage regulators with inhibit
14-Dec-2007
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
18-Aug-2008
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com