Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2292FXCT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY2292FXCT
Description  Three-PLL General-Purpose EPROM Programmable Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2292FXCT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY2292FXCT Datasheet HTML 3Page - Cypress Semiconductor CY2292FXCT Datasheet HTML 4Page - Cypress Semiconductor CY2292FXCT Datasheet HTML 5Page - Cypress Semiconductor CY2292FXCT Datasheet HTML 6Page - Cypress Semiconductor CY2292FXCT Datasheet HTML 7Page - Cypress Semiconductor CY2292FXCT Datasheet HTML 8Page - Cypress Semiconductor CY2292FXCT Datasheet HTML 9Page - Cypress Semiconductor CY2292FXCT Datasheet HTML 10Page - Cypress Semiconductor CY2292FXCT Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CY2292
Document #: 38-07449 Rev. *C
Page 9 of 11
Test Circuit
0.1
µF
VDD
0.1
µF
VDD
CLK out
CLOAD
GND
OUTPUTS
Package Characteristics
Package
θJA (C/W)
θJC (C/W)
Transistor Count
16-pin SOIC
83
19
9271
Ordering Information
Ordering Code
Package Type
Operating Range
Operating Voltage
CY2292SC–XXX
16-Pin SOIC
Commercial
5.0V
CY2292SC–XXXT
16-Pin SOIC – Tape and Reel
Commercial
5.0V
CY2292SL–XXX
16-Pin SOIC
Commercial
3.3V
CY2292SL–XXXT
16-Pin SOIC – Tape and Reel
Commercial
3.3V
CY2292F
16-Pin SOIC
Commercial
3.3V or 5.0V
CY2292FT
16-Pin SOIC – Tape and Reel
Commercial
3.3V or 5.0V
CY2292SI–XXX
16-Pin SOIC
Industrial
3.3V or 5.0V
CY2292SI–XXXT
16-Pin SOIC – Tape and Reel
Industrial
3.3V or 5.0V
CY2292FI
16-Pin SOIC
Industrial
3.3V or 5.0V
CY2292FIT
16-Pin SOIC – Tape and Reel
Industrial
3.3V or 5.0V
CY2292FZ
16-Pin TSSOP
Commercial
3.3V or 5.0V
CY2292FZT
16-Pin TSSOP – Tape and Reel
Commercial
3.3V or 5.0V
Lead-Free
CY2292SXC–XXX
16-Pin SOIC
Commercial
5.0V
CY2292SXC–XXXT
16-Pin SOIC – Tape and Reel
Commercial
5.0V
CY2292SXL–XXX
16-Pin SOIC
Commercial
3.3V
CY2292SXL–XXXT
16-Pin SOIC – Tape and Reel
Commercial
3.3V
CY2292FXC
16-Pin SOIC
Commercial
3.3V or 5.0V
CY2292FXCT
16-Pin SOIC – Tape and Reel
Commercial
3.3V or 5.0V
CY2292SXI–XXX
16-Pin SOIC
Industrial
3.3V or 5.0V
CY2292SXI–XXXT
16-Pin SOIC – Tape and Reel
Industrial
3.3V or 5.0V
CY2292FXI
16-Pin SOIC
Industrial
3.3V or 5.0V
CY2292FXIT
16-Pin SOIC – Tape and Reel
Industrial
3.3V or 5.0V
CY2292FZX
16-Pin TSSOP
Commercial
3.3V or 5.0V
CY2292FZXT
16-Pin TSSOP – Tape and Reel
Commercial
3.3V or 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com