Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ED-008 Datasheet(PDF) 5 Page - Brainboxes Limited

Part # ED-008
Description  SPRING LOADED DIN RAIL MOUNT 35MM WIDTH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRAINBOXE [Brainboxes Limited]
Direct Link  https://www.brainboxes.com/
Logo BRAINBOXE - Brainboxes Limited

ED-008 Datasheet(HTML) 5 Page - Brainboxes Limited

  ED-008 Datasheet HTML 1Page - Brainboxes Limited ED-008 Datasheet HTML 2Page - Brainboxes Limited ED-008 Datasheet HTML 3Page - Brainboxes Limited ED-008 Datasheet HTML 4Page - Brainboxes Limited ED-008 Datasheet HTML 5Page - Brainboxes Limited ED-008 Datasheet HTML 6Page - Brainboxes Limited ED-008 Datasheet HTML 7Page - Brainboxes Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Accessories
MK-048
DIN-RAIL MOUNTING KIT FOR 2 PORT ES/
US/ED - RETAIL PACK
Product Dimensions = 10(l) x 43(w) x 19(h)
mm/ 0.39(l) x 1.69(w) x 0.75(h) inches
Packaged Weight = 0.022 kg, 0.05 pounds
This light weight snap on DIN rail kit is compatible
with Brainboxes 2 port Ethernet to Serial and USB to
Serial Devices. Contains: 2 snap on clips (plastic), 2
screws (to attach to device lugs).
Compatible with Brainboxes product codes
SW-0XX, ES-2XX, ES-3XX, ES-4XX, ED-0XX ED-2XX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com