Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMPB07R3EN Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PMPB07R3EN
Description  30 V, N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB07R3EN Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PMPB07R3EN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Nexperia
PMPB07R3EN
30 V, N-channel Trench MOSFET
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1]
-
223
256
K/W
in free air
[2]
-
57
66
K/W
Rth(j-a)
thermal resistance from
junction to ambient
in free air; t ≤ 5 s
[2]
-
29
33
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
6
10
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated and mounting pad for drain 6 cm2.
aaa-026869
tp (s)
10-3
103
102
10
1
10-1
10-2
103
Zth(j-a)
(K/W)
1
10
102
duty cycle = 1
0.02
0.01
0
0.5
0.75
0.33
0.25
0.2
0.1
0.05
FR4 PCB, standard footprint
Fig. 4. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
aaa-026870
tp (s)
10-3
103
102
10
1
10-1
10-2
102
10
Zth(j-a)
(K/W)
1
duty cycle = 1
0.02
0.01
0
0.05
0.1
0.2
0.25
0.33
0.5
0.75
FR4 PCB, mounting pad for drain 6 cm2
Fig. 5. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
PMPB07R3EN
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
27 November 2020
5 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com