Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC240 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74AC240
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC240 Datasheet(HTML) 4 Page - STMicroelectronics

  74AC240_01 Datasheet HTML 1Page - STMicroelectronics 74AC240_01 Datasheet HTML 2Page - STMicroelectronics 74AC240_01 Datasheet HTML 3Page - STMicroelectronics 74AC240_01 Datasheet HTML 4Page - STMicroelectronics 74AC240_01 Datasheet HTML 5Page - STMicroelectronics 74AC240_01 Datasheet HTML 6Page - STMicroelectronics 74AC240_01 Datasheet HTML 7Page - STMicroelectronics 74AC240_01 Datasheet HTML 8Page - STMicroelectronics 74AC240_01 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74AC240
4/9
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500 Ω, Input tr = tf = 3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/8 (per circuit)
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time
3.3(*)
1.5
5.7
8.0
1.5
9.0
1.5
11.0
ns
5.0(**)
1.5
4.2
6.5
1.5
7.0
1.5
8.5
tPZL tPZH Output Enable
Time
3.3(*)
1.5
7.0
10.5
1.5
11.0
1.5
13.0
ns
5.0(**)
1.5
5.0
8.0
1.5
8.5
1.5
10.5
tPLZ tPHZ Output Disable
Time
3.3(*)
1.5
7.0
10.5
1.5
11.5
1.5
13.5
ns
5.0(**)
1.5
6.5
9.0
1.5
9.5
1.5
11.0
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
pF
COUT
Output
Capacitance
5.0
9
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
fIN = 10MHz
21
pF
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
2VCC
tPZH, tPHZ
Open



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com