Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASD33C Datasheet(PDF) 7 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # ASD33C
Description  1-Line Bi-directional TVS Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

ASD33C Datasheet(HTML) 7 Page - Shanghai Shunye Electronics Co.,Ltd.

  ASD33C Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. ASD33C Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. ASD33C Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. ASD33C Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd. ASD33C Datasheet HTML 5Page - Shanghai Shunye Electronics Co.,Ltd. ASD33C Datasheet HTML 6Page - Shanghai Shunye Electronics Co.,Ltd. ASD33C Datasheet HTML 7Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SOD-323 Package Outline Drawing
Suggested Land Pattern
Unit:mm
SYM
MILLIMETERS
MIN
NOM
MAX
A
0.800
- -
1.100
A1
0.800
- -
0.900
A2
0.000
- -
0.100
b
0.250
- -
0.400
c
0.080
- -
0.177
D1
1.600
1.700
1.800
D
2.300
- -
2.800
E
1.150
- -
1.400
L
0.475REF
L1
0.100
- -
0.500
Θ
0°
- -
8°
SOD-323 Package Outline Drawing
Suggested Land Pattern
Unit:mm
SYM
MILLIMETERS
MIN
NOM
MAX
A
0.800
- -
1.100
A1
0.800
- -
0.900
A2
0.000
- -
0.100
b
0.250
- -
0.400
c
0.080
- -
0.177
D1
1.600
1.700
1.800
D
2.300
- -
2.800
E
1.150
- -
1.400
L
0.475REF
L1
0.100
- -
0.500
Θ
0°
- -
8°
ASD33C THRU ASD40C
www.shunyegroup.com.cn
V2.22



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com