Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B0520WS Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # B0520WS
Description  SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

B0520WS Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  B0520WS Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. B0520WS Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Marking: B0520WS:SD,B0530WS:SE,B0540WS:SF
FEATURES
MECHANICAL DATA
For use in low voltage, high frequency inverters
Free wheeling, and polanty protection applications
Electrical ratings @TA=25C
SYMBOLS
Test conditions
V(BR)
Reverse breakdown voltage
Reverse voltage leakage current
Forward voltage
Diode capacitance
PARAMETER
Min.
Max.
Unit
V
V
V
IR=500uA
0.45
0.50
0.48
0.53
0.51
0.62
120
0.5
5.5
600
200
500
-55 to +150
30
Maximum ratings and electrical characteristics, Single diode @TA=25C
SYMBOLS
UNITS
VRRM
VRWM
VR
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC Blocking voltage
RMS Reverse voltage
Average rectified output current
Peak forward surge current @=8.3ms
Repetitive peak forward current
Power dissipation
Thermal resistance junction to ambient
Storage temperature
Non-Repetitive peak reverse voltage
TSTG
VRM
V
V
A
A
mA
mW
K/W
C
V
B0530WS
30
21
VR(RMS)
IO
Pd
PARAMETER
IFSM
RΘJA
IR
20
30
40
pF
IFRM
B0520WS
B0540WS
20
40
14
28
20
40
CD
VF
500
uA
V
V
V
VR=4V,f=1.0MHz
B0520WS
B0530WS
B0540WS
VR=20V
VR=30V
VR=40V
B0520WS
B0530WS
B0540WS
IF=0.5A
IF=1.0A
B0520WS
B0530WS
B0540WS
SCHOTTKY BARRIER DIODE
B0520WS THRU B0540WS
www.shunyegroup.com.cn
V2.22
SOD-323
1.35(0.053)
1.15(0.045)
1.00(.040)
0.80(.031)
.08(.003 )
MIN
.177(.007)
.089(.003)
0.4(0.016)
.25(0.010)
1.80(0.071)
1.60(0.063)
2.70(0.106)
2.30(0.091)
Dimensions in millimeters and (inches)


Similar Part No. - B0520WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0520WS DIODES-B0520WS Datasheet
63Kb / 2P
0.4 amp Schottky Low Forward Voltage Rectifier: B0520WS -- First SOD-323 Rectifier Product
B0520WS DIODES-B0520WS Datasheet
83Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30235 Rev. 10 - 2
logo
Taiwan Semiconductor Co...
B0520WS TSC-B0520WS Datasheet
51Kb / 2P
0.5A Surface Mount Schottky Barrier Rectifier
B0520WS TSC-B0520WS Datasheet
243Kb / 2P
0.5AMP Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B0520WS DIODES-B0520WS Datasheet
110Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 12 - 2 June 2008
More results

Similar Description - B0520WS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com