Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5420 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5420
Description  Single Channel, 16-Bit, Serial Input, Current Source DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5420 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5420 Datasheet HTML 17Page - Analog Devices AD5420 Datasheet HTML 18Page - Analog Devices AD5420 Datasheet HTML 19Page - Analog Devices AD5420 Datasheet HTML 20Page - Analog Devices AD5420 Datasheet HTML 21Page - Analog Devices AD5420 Datasheet HTML 22Page - Analog Devices AD5420 Datasheet HTML 23Page - Analog Devices AD5420 Datasheet HTML 24Page - Analog Devices AD5420 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Preliminary Technical Data
AD5420
Rev. PrD | Page 21 of 29
DEFAULT CONFIGURATION
On initial power-up of the AD5420, the power-on-reset circuit
ensures that all registers are loaded with zero-code, as such the
default output range is 4mA to 20mA. The current output until
a value is programmed is 0mA. An alternative current range
may be selected via the CONTROL register.
TRANSFER FUNCTION
For the 0 to 20mA, 0 to 24mA and 4 to 20mA current output
ranges the output current expressions are respectively given by;
D
mA
I
N
OUT
×
⎥⎦
⎤
⎢⎣
⎡
=
2
20
D
mA
I
N
OUT
×
⎥⎦
⎤
⎢⎣
⎡
=
2
24
mA
D
mA
I
N
OUT
4
2
16
+
×
⎥⎦
⎤
⎢⎣
⎡
=
where:
D
is the decimal equivalent of the code loaded to the DAC.
N
is the bit resolution of the DAC.
DATA REGISTER
The DATA register is addressed by setting the control word of the input shift register to 0x01. The data to be written to the DATA register
is entered in positions D15 to D0 as shown in Table 11,
Table 11. Programming the Data Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DATA WORD
CONTROL REGISTER
The CONTROL register is addressed by setting the control word of the input shift register to 0x55. The data to be written to the
CONTROL register is entered in positions D15 to D0 as shown in Table 12. The CONTROL register functions are shown in Table 13.
Table 12. Programming the CONTROL Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
REXT
OUTEN
SR CLOCK
SR STEP
SREN
DCEN
R2
R1
R0
Table 13. Control Register Functions
Option
Description
REXT
Setting this bit selects the external current
setting resistor, Further details in Features
section
OUTEN
Output enable. This bit must be set to enable
the output.
SR CLOCK
See Features Section. Digital Slew Rate Control
SR STEP
See Features Section. Digital Slew Rate Control
SREN
Digital Slew Rate Control enable
DCEN
Daisychain enable
R2,R1,R0
Output range select. See Table 14
Table 14. Output Range Options
R2
R1
R0
Output Range Selected
1
0
1
4 to 20 mA Current Range
1
1
0
0 to 20 mA Current Range
1
1
1
0 to 24 mA Current Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com