Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7352 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7352
Description  Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7352 Datasheet(HTML) 5 Page - Analog Devices

  AD7352 Datasheet HTML 1Page - Analog Devices AD7352 Datasheet HTML 2Page - Analog Devices AD7352 Datasheet HTML 3Page - Analog Devices AD7352 Datasheet HTML 4Page - Analog Devices AD7352 Datasheet HTML 5Page - Analog Devices AD7352 Datasheet HTML 6Page - Analog Devices AD7352 Datasheet HTML 7Page - Analog Devices AD7352 Datasheet HTML 8Page - Analog Devices AD7352 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Preliminary Technical Data
AD7357
Rev. PrD | Page 5 of 17
TIMING SPECIFICATIONS
VDD = 2.5 +/-10%V, VDRIVE = 2.5 V to 3.3 +10% V, internal reference = 2.048 V, TA = TMAX to TMIN1, unless otherwise noted.
Table 2.
Parameter
Limit at TMIN, TMAX
Unit
Description
fSCLK
50
kHz min
80
MHz max
tCONVERT
t2 +15.5 × tSCLK
ns max
14 bit resolution, tSCLK = 1/fSCLK
tQUIET
5
ns min
Minimum time between end of serial read and next falling edge of CS
t2
5
ns min
CS to SCLK setup time
t3
TBD
ns max
Delay from CS until DOUTA and DOUTB are three-state disabled
t42
TBD
ns max
Data access time after SCLK falling edge
t5
0.40 tSCLK
ns min
SCLK low pulse width
t6
0.40 tSCLK
ns min
SCLK high pulse width
t7
TBD
ns min
SCLK to data valid hold time
t8
TBD
ns max
CS rising edge to DOUTA, DOUTB, high impedance
t9
TBD
ns min
CS rising edge to falling edge pulse width
t10
TBD
ns min
SCLK falling edge to DOUTA, DOUTB, high impedance
TBD
ns max
SCLK falling edge to DOUTA, DOUTB, high impedance
Latency
1 Conversion Latency
1 Temperature ranges are as follows: Y Grade: −40°C to +125°C, B Grade: −40°C to +85°C.
2 The time required for the output to cross 0.4 V or 2.4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com