Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSD2002-2 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # OSD2002-2
Description  PLED 20x2 Character Module Specifications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OSD2002-2 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button OSD2002-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
6
Physical specifications
6.1
Mechanical specifications
NO.
Item
Specification
Unit
1
Active display area
73.45x11.4
mm
2
Viewing area
79.0x17.0
mm
3
Module dimension
113.0x41.4x9.6
mm
4
Dot size
0.5x0.65
mm
5
Weight
34
g
6.2
Drawing
7
Optical specifications
Item
Condition Min.
Typ.
Max. Unit
Rise
-
-
10
us
Response time
Fall
-
-
10
us
Contrast ratio
100 lux
100
-
-
Top
-
80
-
deg
Bottom
-
80
-
deg
Left
-
80
-
deg
Viewing angle
right
-
80
-
deg
Brightness
With
polarizer
30
40
50
nits
Color
-
YG
1
-
Note 1. YG.= yellow green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com