Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPC0003 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0003
Description  QFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 4 x 4 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0003 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0003 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0003 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
QFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 4 x 4 mm body)
DIMENSIONS
mm
inches
REF.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.80
A2
2.80
B
0.80
C
0.28
B2
2.10
C2
2.10
D
0.52
D2
0.35
E
0.80
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2010 Proto Advantage Inc.
A
B
C
D
E
B2
C2
D2
A2
IIIP
P
PC
C
C0
0
00
0
00
0
03
3
3


Similar Part No. - IPC0003

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0001 PROTOADVANTAGE-IPC0001 Datasheet
42Kb / 2P
QFN-8 to DIP-8 SMT Adapter (0.4 mm pitch, 1.4 x 1.2 mm body)
revision 1.1
IPC0002 PROTOADVANTAGE-IPC0002 Datasheet
45Kb / 2P
QFN-8 to DIP-12 SMT Adapter (0.65 mm pitch, 3 x 3 mm body)
revision 1.0
IPC0004 PROTOADVANTAGE-IPC0004 Datasheet
45Kb / 2P
QFN-12 to DIP-16 SMT Adapter (0.5 mm pitch, 4 x 4 mm body)
revision 1.0
IPC0005 PROTOADVANTAGE-IPC0005 Datasheet
46Kb / 2P
QFN-14 to DIP-18 SMT Adapter (0.5 mm pitch, 3.5 x 3.5 mm body)
revision 1.0
IPC0006 PROTOADVANTAGE-IPC0006 Datasheet
46Kb / 2P
QFN-16 to DIP-20 SMT Adapter (0.5 mm pitch, 3 x 3 mm body)
revision 1.0
More results

Similar Description - IPC0003

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSQ976-NR-1 OSRAM-LSQ976-NR-1 Datasheet
460Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-R976-NR-1 OSRAM-LS-R976-NR-1 Datasheet
404Kb / 20P
SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LO-Q976 OSRAM-LO-Q976 Datasheet
528Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-Q976 OSRAM-LS-Q976 Datasheet
517Kb / 19P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LG-Q971 OSRAM-LG-Q971 Datasheet
418Kb / 21P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LH-R974 OSRAM-LH-R974 Datasheet
394Kb / 20P
SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LS-Q971 OSRAM-LS-Q971 Datasheet
211Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LY-Q971 OSRAM-LY-Q971 Datasheet
211Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LY-Q976 OSRAM-LY-Q976 Datasheet
242Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LY-R971 OSRAM-LY-R971 Datasheet
202Kb / 20P
SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com