Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28331 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY28331
Description  Clock Generator for AMD??Hammer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28331 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY28331 Datasheet HTML 1Page - Cypress Semiconductor CY28331 Datasheet HTML 2Page - Cypress Semiconductor CY28331 Datasheet HTML 3Page - Cypress Semiconductor CY28331 Datasheet HTML 4Page - Cypress Semiconductor CY28331 Datasheet HTML 5Page - Cypress Semiconductor CY28331 Datasheet HTML 6Page - Cypress Semiconductor CY28331 Datasheet HTML 7Page - Cypress Semiconductor CY28331 Datasheet HTML 8Page - Cypress Semiconductor CY28331 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CY28331
Document #: 38-07491 Rev. *E
Page 3 of 17
Serial Data Interface
To enhance the flexibility and function of the clock synthesizer,
a two-signal serial interface is provided. Through the Serial
Data Interface (SDI), various device functions, such as
individual clock output buffers, can be individually enabled or
disabled. The registers associated with the SDI initialize to
their default setting upon power-up, and therefore use of this
interface is optional. Clock device register changes are
normally made upon system initialization, if any are required.
The interface can also be used during system operation for
power management functions.
Data Protocol
The clock driver serial protocol accepts byte write, byte read,
block write, and block read operations from the controller. For
block write/read operation, the bytes must be accessed in
sequential order from lowest to highest byte (most significant
bit first) with the ability to stop after any complete byte has
been transferred. For byte write and byte read operations, the
system controller can access individually indexed bytes. The
offset of the indexed byte is encoded in the command code,
as described in Table 2.
The block write and block read protocol is outlined in Table 3
while Table 4 outlines the corresponding byte write and byte
read protocol. The slave receiver address is 11010010 (D2h).
42
VSSA
GND Power connection to GROUND for the analog section of the chip.
32
VDDF
PWR Power connection to 3.3V for the 48-MHz PLL section of the chip.
33
VSSF
GND Power connection to GROUND for the 48-MHz PLL section of the chip.
Pin Description (continued)
Pin
Name
PWR
I/O
Description
Table 2. Command Code Definition
Bit
Description
7
0 = Block read or block write operation, 1 = Byte read or byte write operation.
(6:0)
Byte offset for byte read or byte write operation. For block read or block write operations, these bits
should be '0000000.'
Table 3. Block Read and Block Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9
Write = 0
9
Write = 0
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bits
'00000000' stands for block operation
11:18
Command Code – 8 bits
'00000000' stands for block operation
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Byte Count – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29:36
Data byte 1 – 8 bits
28
Read = 1
37
Acknowledge from slave
29
Acknowledge from slave
38:45
Data byte 2 – 8 bits
30:37
Byte count from slave – 8 bits
46
Acknowledge from slave
38
Acknowledge
....
......................
39:46
Data byte from slave – 8 bits
....
Data Byte (N–1) – 8 bits
47
Acknowledge
....
Acknowledge from slave
48:55
Data byte from slave – 8 bits
....
Data Byte N – 8 bits
56
Acknowledge
....
Acknowledge from slave
....
Data bytes from slave/Acknowledge
....
Stop
....
Data byte N from slave – 8 bits
....
Not Acknowledge
....
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com