Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1117AV28 Datasheet(PDF) 25 Page - STMicroelectronics

Part # LD1117AV28
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117AV28 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LD1117AV28 Datasheet HTML 19Page - STMicroelectronics LD1117AV28 Datasheet HTML 20Page - STMicroelectronics LD1117AV28 Datasheet HTML 21Page - STMicroelectronics LD1117AV28 Datasheet HTML 22Page - STMicroelectronics LD1117AV28 Datasheet HTML 23Page - STMicroelectronics LD1117AV28 Datasheet HTML 24Page - STMicroelectronics LD1117AV28 Datasheet HTML 25Page - STMicroelectronics LD1117AV28 Datasheet HTML 26Page - STMicroelectronics LD1117AV28 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
LD1117A series
Order code
25/27
8
Order code
Table 12.
Order code
Part numbers
SOT-223
DPAK
D2PAK/A
TO-220
OUTPUT
VOLTAGE
LD1117AS12TR
LD1117ADT12TR(1)
LD1117AV12(1)
1.
Available on request.
1.2 V
LD1117AS18TR
LD1117ADT18TR
LD1117AV18
1.8 V
LD1117AS25TR
LD1117ADT25TR
LD1117AV25
2.5 V
LD1117AS28TR(1)
LD1117ADT28TR(1)
LD1117AV28(1)
2.85 V
LD1117AS33TR
LD1117ADT33TR
LD1117AV33
3.3 V
LD1117AS50TR(1)
LD1117ADT50TR(1)
LD1117AV50(1)
5 V
LD1117ASTR
LD1117ADT-TR
LD1117AD2MTR
LD1117AV
ADJUSTABLE
FROM 1.25 to
15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com