Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32669 Datasheet(PDF) 5 Page - EPCOS

Part # B32669
Description  Metallized Polypropylene Film Capacitors (MKP)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32669 Datasheet(HTML) 5 Page - EPCOS

  B32669 Datasheet HTML 1Page - EPCOS B32669 Datasheet HTML 2Page - EPCOS B32669 Datasheet HTML 3Page - EPCOS B32669 Datasheet HTML 4Page - EPCOS B32669 Datasheet HTML 5Page - EPCOS B32669 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Ordering codes and packing units (insulated leads)
Vrms
VAC
CR
µF
Max. dimensions
d
× l
mm
Ordering code
(composition see
below)
Untaped
pcs./unit
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Code number for lead version and length:
K =
±10%
J =
±5%
504 = Insulated leads (lead length 160 mm)
508 = Insulated leads (lead length 65 mm)
250
1.0
9.0
× 32.0
B32669S3105+***
250
1.5
11.0
× 32.0
B32669S3155+***
250
2.0
12.5
× 32.0
B32669S3205+***
250
2.5
14.0
× 32.0
B32669S3255+***
250
3.0
15.5
× 32.0
B32669S3305+***
200
4.0
15.0
× 47.0
B32669S3405+***
200
6.0
17.0
× 47.0
B32669S3605+***
150
8.0
19.5
× 47.0
B32669S3805+***
150
10
21.5
× 47.0
B32669S3106+***
150
400
1.0
13.0
× 32.0
B32669S6105+***
250
1.5
15.0
× 32.0
B32669S6155+***
250
2.0
19.0
× 32.0
B32669S6205+***
250
2.5
21.0
× 32.0
B32669S6255+***
150
3.0
18.0
× 47.0
B32669S6305+***
150
4.0
21.0
× 47.0
B32669S6405+***
150
5.0
22.0
× 47.0
B32669S6505+***
150
6.0
25.5
× 47.0
B32669S6605+***
150
B32669
AC applications (wound)
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com