Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2537ACBZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # SSM2537ACBZ-R7
Description  PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2537ACBZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button SSM2537ACBZ-R7 Datasheet HTML 8Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 9Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 10Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 11Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 12Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 13Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 14Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 15Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SSM2537
Data Sheet
Rev. 0 | Page 12 of 16
Figure 28. Efficiency vs. Output Power into 4 Ω, fS = 64×
Figure 29. Efficiency vs. Output Power into 4 Ω, fS = 128×
Figure 30. Output Spectrum vs. Frequency
Figure 31. Power Supply Rejection Ratio (PSRR) vs. Frequency
Figure 32. Turn-On Response
0
10
20
30
40
50
60
70
80
90
100
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
2.6
2.0 2.2 2.4
OUTPUT POWER (W)
RL = 4Ω + 15µΗ
fS = 64×
PVDD = 5V
PVDD = 3.6V
PVDD = 2.5V
0
10
20
30
40
50
60
70
80
90
100
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
2.6
2.0 2.2 2.4
OUTPUT POWER (W)
PVDD = 5V
PVDD = 3.6V
PVDD = 2.5V
RL = 4Ω + 15µΗ
fS = 128×
–160
–140
–120
–100
–80
–60
–40
–20
0
10
100
1k
10k
100k
FREQUENCY (Hz)
RL = 8Ω + 33µH
PVDD = 5V
fS = 128×
FREQUENCY (Hz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
–5
–4
–3
–2
–1
0
1
2
3
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TIME (ms)
OUTPUT
PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com