Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6000 Datasheet(PDF) 1 Page - TM Electronics Inc

Part # 6000
Description  SINGLE INPUT BENCH TOP THERMOCOUPLE THERMOMETER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TM [TM Electronics Inc]
Direct Link  
Logo TM - TM Electronics Inc

6000 Datasheet(HTML) 1 Page - TM Electronics Inc

  6000 Datasheet HTML 1Page - TM Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
57-0030-04 V2
MODEL 6000
SINGLE INPUT BENCH TOP THERMOCOUPLE THERMOMETER
FEATURES
This bench-top instrument is a high accuracy microprocessor driven thermometers for use with
thermocouple types K, T, R, S, N, J or E.
High accuracy microprocessor based instrument with a measurement range of –200 to +1780
C
and an operating range of -30 to 50
C.
***
C / °F Switchable
***
Resolution of 0.1
 to 1000°C Autoranging
***
User selectable K, T, R, S, N, J or E Thermocouple types
***
Overrange / Open circuit sensor indication
***
LCD Backlight Display
SPECIFICATION
Environmental
AMBIENT OPERATING RANGE
:
0 to 50
C
STORAGE TEMPERATURE RANGE
:
-40 to 50
C
HUMIDITY
:
0 to 70% R.H.
ELECTRICAL
TABLE 1. Measurement ranges
CELSIUS
FAHRENHEIT
K
-200 to 1372
-200 to 2501
T
-200 to 400
-200 to 752
J
-200 to 1200
-200 to 2192
R
0 to 1767
32 to 3212
S
0 to 1767
32 to 3212
N
-200 to 1200
-200 to 2192
E
-200 to 1000
-200 to 1832
Accuracy @ 23°C
: ± 0.25% reading ±0.6°C
Characterising errors
: Less than 0.05°C
Temperature coefficient
: 0.01% of reading / °C
Cold junction compensation
: 0.0075 °C / °C
Resolution
: 0.1° autoranging 1°
above 1000°
Input voltage ranges*
: 240 V AC ±10%
: 110 V AC ± 10%
: 9-30 V AC or DC
* Option - specify at time of ordering
GENERAL
Weight
: 500 gms
Dimensions
: 118X57X150 mm
4.65”X2.24”X5.90”
Connections
: Miniature T/C Connector


Similar Part No. - 6000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6000 ETC2-6000 Datasheet
158Kb / 1P
THE BREAD BOARDING MEDIUM FOR SURFACE MOUNT
6000 ETC2-6000 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
6000 ETC2-6000 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
Keysight Technologies
6000 KEYSIGHT-6000 Datasheet
2Mb / 41P
InfiniiVision 6000 X-Series Oscilloscopes
logo
Tyco Electronics
6000 MACOM-6000 Datasheet
266Kb / 5P
Pushbutton Switches, 30mm, Round or Mushroom Buttons
More results

Similar Description - 6000

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EA15 EXTECH-EA15 Datasheet
303Kb / 8P
Thermocouple Datalogging Thermometer
logo
JFW Industries, Inc.
50BR-017 JFW-50BR-017 Datasheet
26Kb / 1P
BENCH TOP ROTARY ATTENUATOR
50BR-036 JFW-50BR-036 Datasheet
31Kb / 1P
BENCH TOP ROTARY ATTENUATOR
logo
List of Unclassifed Man...
DM-301 ETC2-DM-301 Datasheet
3Mb / 16P
THERMOCOUPLE & RESISTANCE THERMOMETER SENSORS & PROBES
logo
Molex Electronics Ltd.
0578277100 MOLEX11-0578277100 Datasheet
38Kb / 1P
IDT Bench-Top Terminator
logo
List of Unclassifed Man...
205-TC ETC2-205-TC Datasheet
907Kb / 22P
THERMOCOUPLE MINIATURE PANEL THERMOMETER
logo
JFW Industries, Inc.
50BR-001 JFW-50BR-001_17 Datasheet
27Kb / 1P
BENCH TOP ROTARY ATTENUATOR
50BR-008 JFW-50BR-008_17 Datasheet
27Kb / 1P
BENCH TOP ROTARY ATTENUATOR
50BR-068 JFW-50BR-068_17 Datasheet
27Kb / 1P
BENCH TOP ROTARY ATTENUATOR
logo
Molex Electronics Ltd.
0578657000 MOLEX-0578657000 Datasheet
24Kb / 1P
IDT Bench-Top Terminator
10/02/2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com