Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X0202A-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # X0202A-AA3-R
Description  SENSITIVE SCRS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

X0202A-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  X0202A-AA3-R Datasheet HTML 1Page - Unisonic Technologies X0202A-AA3-R Datasheet HTML 2Page - Unisonic Technologies X0202A-AA3-R Datasheet HTML 3Page - Unisonic Technologies X0202A-AA3-R Datasheet HTML 4Page - Unisonic Technologies X0202A-AA3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
X0202/A
SCR
www.unisonic.com.tw
1 of 5
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R301-006.B
SENSITIVE SCRS
DESCRIPTION
The UTC X0202/A SCR series is suitable for all applications
where the available gate current is limited, such as ground fault
circuit interruptors, overvoltage crowbar protection in low power
supplies, capacitive ignition circuit, …….
FEATURES
* IT(RMS) : 1.25A
* VDRM/VRRM :600/800V
*Pb-free plating product number:
X0202L/X0202AL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
X0202-AA3-R
X0202L-AA3-R
SOT-223
K
A
G
Tape Reel
X0202-T92-B
X0202L-T92-B
TO-92
K
G
A
Tape Box
X0202-T92-K
X0202L-T92-K
TO-92
K
G
A
Bulk
X0202-T92-R
X0202L-T92-R
TO-92
K
G
A
Tape Reel
X0202A-AA3-R
X0202AL-AA3-R
SOT-223
K
A
G
Tape Reel
X0202A-T92-B
X0202AL-T92-B
TO-92
K
G
A
Tape Box
X0202A-T92-K
X0202AL-T92-K
TO-92
K
G
A
Bulk
X0202A-T92-R
X0202AL-T92-R
TO-92
K
G
A
Tape Reel
Note: Pin Assignment: G: Gate A: Anode K: Cathode


Similar Part No. - X0202A-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
X0202AG-AA3-R UTC-X0202AG-AA3-R Datasheet
332Kb / 5P
SENSITIVE SCRS
X0202AG-T92-B UTC-X0202AG-T92-B Datasheet
332Kb / 5P
SENSITIVE SCRS
X0202AG-T92-K UTC-X0202AG-T92-K Datasheet
332Kb / 5P
SENSITIVE SCRS
X0202AG-T92-R UTC-X0202AG-T92-R Datasheet
332Kb / 5P
SENSITIVE SCRS
X0202AL-AA3-R UTC-X0202AL-AA3-R Datasheet
332Kb / 5P
SENSITIVE SCRS
More results

Similar Description - X0202A-AA3-R

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
0.8A SENSITIVE SCRs
JX04 JIEJIE-JX04 Datasheet
461Kb / 4P
4A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
0.8A SENSITIVE SCRs
logo
Unisonic Technologies
X0202 UTC-X0202_10 Datasheet
332Kb / 5P
SENSITIVE SCRS
logo
Littelfuse
T106D4 LITTELFUSE-T106D4 Datasheet
205Kb / 12P
Sensitive SCRs
T106D2 LITTELFUSE-T106D2 Datasheet
205Kb / 12P
Sensitive SCRs
logo
Unisonic Technologies
X0202B UTC-X0202B Datasheet
370Kb / 5P
SENSITIVE SCRS
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
Sensitive gate SCRs
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
Sensitive gate SCRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com