Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9715LGEFL/V Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM9715LGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9715LGEFL/V Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM9715LGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM9715LGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
Production Data
WM9715L
w
PD Rev 4.0 December 2007
39
The principle of operation is illustrated below (Note: the illustrations assume that the top plate is used
for X and the bottom plate for Y measurements, although the reverse is also possible).
Figure 6 X Co-ordinate Measurement on 4-wire Touchpanel
For an X co-ordinate measurement, the X+ pin is internally switched to VDD and X- to GND. The X
plate becomes a potential divider, and the voltage at the point of contact is proportional to its X co-
ordinate. This voltage is measured on the Y+ and Y- pins, which carry no current (hence there is no
voltage drop in RY+ or RY-).
Due to the ratiometric measurement method, the supply voltage does not affect measurement
accuracy. The voltage references VREF+ and VREF- are taken from after the matrix switches, so
that any voltage drop in these switches has no effect on the ADC measurement.
Figure 7 Y Co-ordinate Measurement on 4-wire Touchpanel
Y co-ordinate measurements are similar to X co-ordinate measurements, with the X and Y plates
interchanged.
Figure 8 Pen Down Detection on 4-wire Touchpanel
Pen down detection uses a zero power comparator (effectively a CMOS logic gate) with an internal,
programmable pull-up resistor RPU that controls pen-down sensitivity. Increasing RPU makes the
touchpanel less sensitive to touch, while lowering RPU makes it more sensitive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com