Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDD0997B Datasheet(PDF) 2 Page - Potens Semiconductor Corp.

Part # PDD0997B
Description  100V P-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDD0997B Datasheet(HTML) 2 Page - Potens Semiconductor Corp.

  PDD0997B Datasheet HTML 1Page - Potens Semiconductor Corp. PDD0997B Datasheet HTML 2Page - Potens Semiconductor Corp. PDD0997B Datasheet HTML 3Page - Potens Semiconductor Corp. PDD0997B Datasheet HTML 4Page - Potens Semiconductor Corp. PDD0997B Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Potens semiconductor corp.
Ver.1.00
2
PDD0997B
100V P-Channel MOSFETs
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-100
---
---
V
IDSS
Drain-Source Leakage Current
VDS=-80V , VGS=0V , TJ=25℃
---
---
-1
uA
VDS=-80V , VGS=0V , TJ=85℃
---
---
-10
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance
VGS=-10V , ID=-15A
---
34
41
m
VGS=-4.5V , ID=-10A
---
44
57
m
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-1.2
-1.6
-2.5
V
gfs
Forward Transconductance
VDS=-20V , ID=-3A
---
9.4
---
S
Dynamic and switching Characteristics
Qg
Total Gate Charge3,4
VDS=-50V , VGS=-10V , ID=-15A
---
22
35
nC
VDS=-50V , VGS=-4.5V , ID=-15A
---
11
16.5
Qgs
Gate-Source Charge3,4
---
1
3
Qgd
Gate-Drain Charge3,4
---
4.4
7
Td(on)
Turn-On Delay Time3,4
VDD=-50V , VGS=-10V , RG=6
ID=-15A
---
3
5
ns
Tr
Rise Time3,4
---
5
8
Td(off)
Turn-Off Delay Time3,4
---
6
10
Tf
Fall Time3,4
---
15
25
Ciss
Input Capacitance
VDS=-50V , VGS=0V , F=1MHz
---
1300
1950
pF
Coss
Output Capacitance
---
340
500
Crss
Reverse Transfer Capacitance
---
12
20
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
-30
A
ISM
Pulsed Source Current
---
---
-60
A
VSD
Diode Forward Voltage
VGS=0V , IS=-1A , TJ=25℃
---
---
-1
V
trr
Reverse Recovery Time
VR=-100V, IS=-10A
di/dt=100A/µs, TJ=25℃
---
170
---
ns
Qrr
Reverse Recovery Charge
---
540
---
nC
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
VDD=-50V,VGS=-10V,L=0.1mH,IAS=-60A.,Starting TJ=25℃
3.
The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%.
4.
Essentially independent of operating temperature.
Electrical Characteristics (T
J=25 ℃, unless otherwise noted)
Drain-Source Diode Characteristics and Maximum Ratings



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com