Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9960BSTZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9960BSTZ
Description  Mixed-Signal Front End (MxFE®)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9960BSTZ Datasheet(HTML) 5 Page - Analog Devices

  AD9960BSTZ Datasheet HTML 1Page - Analog Devices AD9960BSTZ Datasheet HTML 2Page - Analog Devices AD9960BSTZ Datasheet HTML 3Page - Analog Devices AD9960BSTZ Datasheet HTML 4Page - Analog Devices AD9960BSTZ Datasheet HTML 5Page - Analog Devices AD9960BSTZ Datasheet HTML 6Page - Analog Devices AD9960BSTZ Datasheet HTML 7Page - Analog Devices AD9960BSTZ Datasheet HTML 8Page - Analog Devices AD9960BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD9960
Rev. 0 | Page 5 of 12
Table 3. Auxiliary ADC and DAC Specifications
Parameter
Min
Typ
Max
Unit
AUXILIARY ADC
Resolution
10
Bits
ADC Monotonicity
Guaranteed
Input Range1
0
AVDD
V
Conversion Rate
μs
AUXILIARY DAC
Resolution
10
Bits
DAC Monotonicity
Guaranteed
Input Range1
0
AVDD
Slew Rate (Normal)
0.45
V/μs
Slew Rate (Boost)
1.7
V/μs
Settling Time (Normal)
300
kHz
Settling Time (Boost)
960
kHz
1 AUXADC and AUXDAC full-scale span can be set to AVDD supply or programmable regulator voltage (2.52 V, 2.7 V, 3.0 V).
Table 4. Power Specifications
Parameter
Min
Typ
Max
Unit
POWER SUPPLY RANGE
ADC Supply Voltage (ADCVDD)
3.0
3.3
3.6
V
DAC Supply Voltage (DACVDD)
3.0
3.3
3.6
V
Auxiliary Supply Voltage (AUXVDD)
3.0
3.3
3.6
V
Clock Supply Voltage (CLKVDD)
3.0
3.3
3.6
V
Digital Supply Voltage (DVDD)
2.7
3.3
3.6
V
Driver Supply Voltage (DRVDD)
2.7
3.3
3.6
V
ANALOG SUPPLY CURRENTS
ADCVDD (Nominal Bias)
104
114
mA
DACVDD (20 mA Full-Scale Outputs)
68
73
mA
AUXVDD
2
3
mA
CLKVDD
2
3.5
mA
DIGITAL SUPPLY CURRENTS1
DVDD (Tx Mode)
116
140
mA
DVDD (Rx Mode)
107
135
mA
DRVDD (Tx Mode)
5
mA
DRVDD (Rx Mode) with CLOAD = 5 pF2
5
mA
1 Rx digital and analog path configured for bypass mode.
2 DRVDD in Rx mode is dependent on ADIO bus load capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com