Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYP15G0401TB Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYP15G0401TB
Description  Quad HOTLink II??Transmitter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYP15G0401TB Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYP15G0401TB Datasheet HTML 3Page - Cypress Semiconductor CYP15G0401TB Datasheet HTML 4Page - Cypress Semiconductor CYP15G0401TB Datasheet HTML 5Page - Cypress Semiconductor CYP15G0401TB Datasheet HTML 6Page - Cypress Semiconductor CYP15G0401TB Datasheet HTML 7Page - Cypress Semiconductor CYP15G0401TB Datasheet HTML 8Page - Cypress Semiconductor CYP15G0401TB Datasheet HTML 9Page - Cypress Semiconductor CYP15G0401TB Datasheet HTML 10Page - Cypress Semiconductor CYP15G0401TB Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
PRELIMINARY
CYP15G0401TB
Document #: 38-02112 Rev. **
Page 7 of 30
TXRST
LVTTL Input,
asynchronous,
internal pull-up,
sampled by
REFCLK
↑ [2]
Transmit Clock Phase Reset. Active LOW. When sampled LOW, the transmit
Phase-align Buffers are allowed to adjust their data-transfer timing (relative to the
selected input clock) to allow clean transfer of data from the Input Register to the
Encoder or Transmit Shifter. When TXRST is sampled HIGH, the internal phase
relationship between the associated TXCLKx and the internal character-rate clock is
fixed and the device operates normally.
When configured for half-rate REFCLK sampling of the transmit character stream
(TXCKSEL = LOW and TXRATE = HIGH), assertion of TXRST is only used to clear
Phase-align buffer faults caused by highly asymmetric REFCLK periods or REFCLKs
with excessive cycle-to-cycle jitter. During this alignment period, one or more
characters may be added to or lost from all the associated transmit paths as the
transmit Phase-align Buffers are adjusted. TXRST must be sampled LOW by a
minimum of two consecutive rising edges REFCLK to ensure the reset operation is
initiated correctly on all channels. This input is ignored when both TXCKSEL and
TXRATE are LOW, since the phase align buffer is bypassed. In all other configura-
tions, TXRST should be asserted during device initialization to ensure proper
operation of the Phase-align buffer. TXRST should be asserted after the presence of
a valid TXCLKx and after allowing enough time for the TXPLL to lock to the reference
clock (as specified by parameter tTXLOCK).
Transmit Path Clock and Clock Control
TXCKSEL
Three-level Select [3],
static control input
Transmit Clock Select. Selects the clock source, used to write data into the transmit
Input Register of the transmit channel(s). When LOW, REFCLK
↑ [2] is used as the
Input Register clock for TXDx[7:0] and TXCTx[1:0] of all channels. When MID,
TXCLKx
↑ is used as the Input Register clock for TXDx[7:0] and TXCTx[1:0]. When
HIGH, TXCLKA
↑ is used as the Input Register clock for TXDx[7:0] and TXCTx[1:0] of
all channels.
TXCLKO
±
LVTTL Output
Transmit Clock Output. This true and complement output clock is synthesized by
the transmit PLL and is synchronous to the internal transmit character clock. It has
the same frequency as REFCLK (when TXRATE = LOW), or twice the frequency of
REFCLK (when TXRATE = HIGH). This output clock has no direct phase relationship
to REFCLK.
TXRATE
LVTTL Input,
static control input,
internal pull-down
Transmit PLL Clock Rate Select. When TXRATE = HIGH, the Transmit PLL multi-
plies REFCLK by 20 to generate the serial bit-rate clock. When TXRATE = LOW, the
transmit PLL multiples REFCLK by 10 to generate the serial bit-rate clock. See Table 9
for a list of operating serial rates.
When TXCKSEL = MID or HIGH (TXCLKx or TXCLKA selected to clock input
register), configuring TXRATE = HIGH (Half-rate REFCLK) is an invalid mode of
operation.
TXCLKA
TXCLKB
TXCLKC
TXCLKD
LVTTL Clock Input,
internal
pull-down
Transmit Path Input Clocks. These clocks must be frequency-coherent to
TXCLKO
±, but may be offset in phase. The internal operating phase of each input
clock (relative to REFLCK or TXCLKO
±) is adjusted when TXRST = LOW and locked
when TXRST = HIGH.
Transmit Path Mode Control
TXMODE[1:0] Three-level Select [3]
static control inputs
Transmit Operating Mode. These inputs are interpreted to select one of nine
operating modes of the transmit path. See Table 3 for a list of operating modes.
Note:
3. Three-level select inputs are used for static configuration. They are ternary (not binary) inputs that make use of non-standard logic levels of LOW, MID, and
HIGH. The LOW level is usually implemented by direct connection to VSS (ground). The HIGH level is usually implemented by direct connection to VCC. When
not connected or allowed to float, a Three-level select input will self-bias to the MID level.
Pin Descriptions (continued)
CYP15G0401TB Quad HOTLink II Transmitter
Pin Name
I/O Characteristics
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com