Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6CB18601 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI6CB18601
Description  Very Low Power 6-Output PCIe Clock Buffer With On-chip Termination
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB18601 Datasheet(HTML) 3 Page - Diodes Incorporated

  PI6CB18601 Datasheet HTML 1Page - Diodes Incorporated PI6CB18601 Datasheet HTML 2Page - Diodes Incorporated PI6CB18601 Datasheet HTML 3Page - Diodes Incorporated PI6CB18601 Datasheet HTML 4Page - Diodes Incorporated PI6CB18601 Datasheet HTML 5Page - Diodes Incorporated PI6CB18601 Datasheet HTML 6Page - Diodes Incorporated PI6CB18601 Datasheet HTML 7Page - Diodes Incorporated PI6CB18601 Datasheet HTML 8Page - Diodes Incorporated PI6CB18601 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
A product Line of
Diodes Incorporated
PI6CB18601
www.diodes.com
June 2020
Diodes Incorporated
PI6CB18601
Document Number DS40505 Rev 3-2
Pin Number Pin Name
Type
Description
18
Q1+
Output
HCSL Differential true clock output
19
Q1-
Output
HCSL Differential complementary clock output
20, 30
NC
Output
HCSL Do not connect this pin
21
OE1#
Input
CMOS Active low input for enabling Q1 pair. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
22
Q2+
Output
HCSL Differential true clock output
23
Q2-
Output
HCSL Differential complementary clock output
24
OE2#
Input
CMOS Active low input for enabling Q2 pair. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
25
VDDA
Power
Power supply for analog circuitry
27
Q3+
Output
HCSL Differential true clock output
28
Q3-
Output
HCSL Differential complementary clock output
29
OE3#
Input
CMOS Active low input for enabling Q3 pair. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
33
Q4+
Output
HCSL Differential true clock output
34
Q4-
Output
HCSL Differential complementary clock output
35
OE4#
Input
CMOS Active low input for enabling Q4 pair. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
36
Q5+
Output
HCSL Differential true clock output
37
Q5-
Output
HCSL Differential complementary clock output
38
OE5#
Input
CMOS Active low input for enabling Q5 pair. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
40
PD#
Input
CMOS
Input notifies device to sample latched inputs and start up on first high
assertion. Low enters Power Down Mode, subsequent high assertions exit
Power Down Mode. This pin has internal pull-up resistor.
41
EPAD
Power
Connect to Ground
Pin Description Cont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com