Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC060SMA070B Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MSC060SMA070B
Description  SiC N-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MSC060SMA070B Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MSC060SMA070B Datasheet HTML 1Page - Inchange Semiconductor Company Limited MSC060SMA070B Datasheet HTML 2Page - Inchange Semiconductor Company Limited MSC060SMA070B Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISCF8123
eq MSC060SMA070B
SiC N-Channel MOSFET
www.iscsemi.com
1
FEATURES
·
Low Capacitances and Low Gate Charge
·
Fast Switching Speed
·
Fast amd Reliable Body Diodes
·
Superior Avalanche Reggedness
APPLICATIONS
·
Industrial Motor Drivers
·
Power Supply and Distribution
·
Induction Heating and EV Charge
·
H/EV Powertrain and EV Charger
Absolute Maximum Ratings(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
700
V
VGSS
Gate-Source Opetation Voltage
-10/+23
V
ID
Drain Current-Continuous @Tc=25℃
39
A
Drain Current-Continuous @Tc=100℃
28
A
IDM
Drain Current-Single Pluse
100
A
PD
Total Dissipation @TC=25℃
143
W
TJ
Max. Operating Junction Temperature
175
℃
Tstg
Storage Temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.05
℃
/W


Similar Part No. - MSC060SMA070B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MSC060SMB120B MICROCHIP-MSC060SMB120B Datasheet
1Mb / 13P
1200V, 60 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC060SMB120B4N MICROCHIP-MSC060SMB120B4N Datasheet
1Mb / 12P
1200V, 60 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC060SMB120B4NVAO MICROCHIP-MSC060SMB120B4NVAO Datasheet
1Mb / 12P
1200V, 60 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC060SMB120BVAO MICROCHIP-MSC060SMB120BVAO Datasheet
1Mb / 13P
1200V, 60 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC060SMB120SD MICROCHIP-MSC060SMB120SD Datasheet
1Mb / 13P
1200V, 60 mΩ N-Channel mSiC™ MOSFET
12/2025
More results

Similar Description - MSC060SMA070B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCF8001 ISC-ISCF8001 Datasheet
751Kb / 5P
SiC N-Channel MOSFET
2023-8-18
GA50JT12 ISC-GA50JT12 Datasheet
375Kb / 3P
SiC N-Channel MOSFET
2023-9-26
ISF1017 ISC-ISF1017 Datasheet
786Kb / 7P
SiC N-Channel MOSFET
ISCF8011 ISC-ISCF8011 Datasheet
874Kb / 8P
SiC N-Channel MOSFET
C3M0065100J ISC-C3M0065100J Datasheet
399Kb / 4P
SiC N-Channel MOSFET
SCT070W120G3AG ISC-SCT070W120G3AG Datasheet
1,021Kb / 7P
SiC N-Channel MOSFET
SCT20N170AG ISC-SCT20N170AG Datasheet
357Kb / 2P
SiC N-Channel MOSFET
C3M0075120K ISC-C3M0075120K Datasheet
374Kb / 4P
SiC N-Channel MOSFET
G3R450MT17D ISC-G3R450MT17D Datasheet
390Kb / 3P
SiC N-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com