Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP512 Datasheet(PDF) 40 Page - Texas Instruments

Part # TMP512
Description  TMP4719-Q1 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 36Page - Texas Instruments TMP512 Datasheet HTML 37Page - Texas Instruments TMP512 Datasheet HTML 38Page - Texas Instruments TMP512 Datasheet HTML 39Page - Texas Instruments TMP512 Datasheet HTML 40Page - Texas Instruments TMP512 Datasheet HTML 41Page - Texas Instruments TMP512 Datasheet HTML 42Page - Texas Instruments TMP512 Datasheet HTML 43Page - Texas Instruments TMP512 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
8.23 Alert_Mask Register (Address = 1Fh) [reset = 00h]
This register controls whether either of remote channel or the local channel is masked. Masking an alert
prevents the ALERT pin from being asserted low in Interrupt Mode.
Return to Register Map.
Figure 8-23. Alert_Mask Register
7
6
5
4
3
2
1
0
Reserved
Mask_Ch2
Mask_Ch1
Mask_L
R-00h
R/W-0h
R/W-0h
R/W-0h
Table 8-25. Alert_Mask Register Field Descriptions
Bit
Field
Type
Reset
Description
7:3
Reserved
R
00h
Reserved
2
Mask_Ch2
R/W
0h
Setting this bit to 1 prevents the ALERT pin from being asserted
low when remote channel 2 is out of the temperature limit or
encounters a diode fault condition.
1
Mask_Ch1
R/W
0h
Setting this bit to 1 prevents the ALERT pin from being asserted
low when remote channel 1 is out of the temperature limit or
encounters a diode fault condition.
0
Mask_L
R/W
0h
Setting this bit to 1 prevents the ALERT pin from being asserted
low when the local channel is out of the temperature limit.
TMP4719-Q1
SLVSJS0 – DECEMBER 2025
www.ti.com
40
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com