Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP442 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP442
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP442 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP442 Datasheet HTML 6Page - Texas Instruments TMP442 Datasheet HTML 7Page - Texas Instruments TMP442 Datasheet HTML 8Page - Texas Instruments TMP442 Datasheet HTML 9Page - Texas Instruments TMP442 Datasheet HTML 10Page - Texas Instruments TMP442 Datasheet HTML 11Page - Texas Instruments TMP442 Datasheet HTML 12Page - Texas Instruments TMP442 Datasheet HTML 13Page - Texas Instruments TMP442 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C and VDD = 3.3V (unless otherwise noted)
Ambient Te mperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
0.5
1
1.5
2
2.5
3
3.5
Standby current
Shutdown current
Serial Bus Inactive
Figure 6-8. Standby and Shutdown Current vs Temperature
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
0.5
1
1.5
2
2.5
3
3.5
Shutdown current
Standby current
Serial Bus Inactive, VDD = 1.62V to 5.5V
Figure 6-9. Standby and Shutdown Current vs Supply Voltage
Ambient Te mperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
50
100
150
200
250
300
Local conversion stage
Remote conversion stage
Figure 6-10. Active Current vs Temperature
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
50
100
150
200
250
300
Local conversion stage
Remote conversion stage
VDD = 1.62V to 5.5V
Figure 6-11. Active Current vs Supply Voltage
Ambient Te mperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
10
20
30
40
50
60
70
80
Local
Local + 1 Remote
Local + 2 Remote
Figure 6-12. Conversion Time vs Temperature
Data Distribution (LSB)
0
50
100
150
200
250
300
-3
-2
-1
0
1
2
3
No Averaging
4 Moving Averaging
8 Moving Averaging
Characterized with MMBT3904 NPN Transistor
Figure 6-13. Remote Temperature Noise Data Distribution (300
Samples)
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com