Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP512 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMP512
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 13Page - Texas Instruments TMP512 Datasheet HTML 14Page - Texas Instruments TMP512 Datasheet HTML 15Page - Texas Instruments TMP512 Datasheet HTML 16Page - Texas Instruments TMP512 Datasheet HTML 17Page - Texas Instruments TMP512 Datasheet HTML 18Page - Texas Instruments TMP512 Datasheet HTML 19Page - Texas Instruments TMP512 Datasheet HTML 20Page - Texas Instruments TMP512 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
is below the T_CRIT limit – T_CRIT Hysteresis value or the device is reset. T_CRIT has no mask bit. Note
that reading the Status Register sets the ALERT mask bit of the Configuration Register if any flag in the Status
Register, except the ADC_Busy flag and Remote Diode Fault flag, is set. The ALERT mask bit does not mask
the T_CRIT pin, which means the clearance of ALERT mask bit has no influence on T_CRIT pin, and T_CRIT
has no mask bit. There are separate T_CRIT Limit values and status register flags for the remote and local
temperature measurements.
Figure 7-7 shows the behavior of the T_CRIT pin and flags in interrupt mode.
-40
-20
0
20
40
60
T_CRIT Status FLAG
80
100
120
140
160
Temperature Conversion Complete
Time
Temperature
T_CRIT Limit
T_CRIT Limit - Hysteresis
I2C Status
Register Read
Controller Clears
ALERT Mask bit
ALERT
Mask bit
T_CRIT Pin
Figure 7-7. T_CRIT Output Timing Diagram-Interrupt Mode
When the TMP4719 is in comparator mode, the status register flag is only cleared at the end of a conversion
cycle if the temperature measurement is below the T_CRIT limit – T_CRIT Hysteresis value. Figure 7-8 shows
the behavior of the T_CRIT pin and flags in comparator mode.
www.ti.com
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com