Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C18ST Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C18ST
Description  OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C18ST Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C18ST Datasheet HTML 1Page - List of Unclassifed Manufacturers C18ST Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Parameters
Standard
Options
Frequency range
1,000 MHz - 160,0 MHz
Logic output
Clipped sinewave
Sinewave
Frequency stability
Overall
+- 3,0 ppm
+-1,0 ppm best possible
Initial at 25°C
Temperature
vs supply voltage change
vs load change
Aging first year
Aging over …. Years
Operating temperature
0° C ~ +70°C
-20°C ~ +70°C
-40°C ~ +85°C
Other on custom request
Storage temperature
-40°C ~ +85°C
-55°C ~ +125°C
Supply voltage
3,3 V +-5%
5,0 V ± 5%
Other on custom request
Current
2,0 mA max
Load
10 Kohm // 10 pF
Other on custom request
Jitter ( 12kHz ~ 20,0 MHz )
3-4 ps typ.
Other on custom request
Phase noise
Harmonics
Sub-harmonics
Start-up time
10 ms max.
Other on custom request
Frequency trimming range with
externally adjustable trimmer
± 3 ppm min.
other
Marking
Freq + Code + Week +Year
C18ST OSCILLATOR
Please specify
Please specify ( if required )
HM International
Demer 26 B-2230 Herselt BELGIUM
Tel. +32(0)14548955
Fax. +32(0)14549443
email : info@hminternational.be
www.hminternational.be
1


Similar Part No. - C18ST

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
C18S SOVICO-C18S Datasheet
5Mb / 1P
Loudspeaker System
logo
List of Unclassifed Man...
C18SA-25.000M ETC2-C18SA-25.000M Datasheet
49Kb / 1P
MILITARY STANDARD HIGH TEMPERATURE OSCILLATORS
C18SA-25000M ETC2-C18SA-25000M Datasheet
49Kb / 1P
MILITARY STANDARD HIGH TEMPERATURE OSCILLATORS
C18SB-25.000M ETC2-C18SB-25.000M Datasheet
49Kb / 1P
MILITARY STANDARD HIGH TEMPERATURE OSCILLATORS
C18SB-25000M ETC2-C18SB-25000M Datasheet
49Kb / 1P
MILITARY STANDARD HIGH TEMPERATURE OSCILLATORS
More results

Similar Description - C18ST

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
OSCILLATOR
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
OSCILLATOR
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
OSCILLATOR
EH25 ECLIPTEK-EH25 Datasheet
142Kb / 2P
OSCILLATOR
EB15E2 ECLIPTEK-EB15E2 Datasheet
101Kb / 2P
OSCILLATOR
logo
Jauch Quartz Gmbh
JO32 JAUCH-JO32 Datasheet
530Kb / 2P
Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com