Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC244APWR.B Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVC244APWR.B
Description  SN74LVC244A Octal Buffer or Driver With 3-State Outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC244APWR.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC244APWR.B Datasheet HTML 3Page - Texas Instruments SN74LVC244APWR.B Datasheet HTML 4Page - Texas Instruments SN74LVC244APWR.B Datasheet HTML 5Page - Texas Instruments SN74LVC244APWR.B Datasheet HTML 6Page - Texas Instruments SN74LVC244APWR.B Datasheet HTML 7Page - Texas Instruments SN74LVC244APWR.B Datasheet HTML 8Page - Texas Instruments SN74LVC244APWR.B Datasheet HTML 9Page - Texas Instruments SN74LVC244APWR.B Datasheet HTML 10Page - Texas Instruments SN74LVC244APWR.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
5.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
–40 TO +85°C
–40 TO +125°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VOH
IOH = –100µA
1.65V
to
3.6V
VCC – 0.2
VCC – 0.2
VCC – 0.3
V
IOH = –4mA
1.65V
1.29
1.2
1.05
IOH = –8mA
2.3V
1.9
1.7
1.55
IOH = –12mA
2.7V
2.2
2.2
2.05
3V
2.4
2.4
2.25
IOH = –24mA
3V
2.3
2.2
2
VOL
IOL = 100µA
1.65V
to
3.6V
0.1
0.2
0.3
V
IOL = 4mA
1.65V
0.24
0.45
0.6
IOL = 8mA
2.3V
0.3
0.7
0.75
IOL = 12mA
2.7V
0.4
0.4
0.6
IOL = 24mA
3V
0.55
0.55
0.8
II
VI = 5.5V or GND
3.6V
±1
±5
±20
µA
Ioff
VI or VO = 5.5V
0
±1
±10
±20
µA
IOZ
VO = 0 to 5.5V
3.6V
±1
±10
±20
µA
ICC
VI = VCC or GND
IO = 0
3.6V
1
10
40
µA
3.6V ≤ VI ≤ 5.5V(1)
1
10
40
ΔICC
One input at VCC – 0.6V,
Other inputs at VCC or GND
2.7V
to
3.6V
500
500
5000
µA
Ci
VI = VCC or GND
3.3V
4
pF
Co
VO = VCC or GND
3.3V
5.5
pF
(1)
This applies in the disabled state only.
www.ti.com
SN74LVC244A
SCAS414AF – NOVEMBER 1992 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN74LVC244A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com