Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W149 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # W149
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W149 Datasheet(HTML) 3 Page - Cypress Semiconductor

  W149 Datasheet HTML 1Page - Cypress Semiconductor W149 Datasheet HTML 2Page - Cypress Semiconductor W149 Datasheet HTML 3Page - Cypress Semiconductor W149 Datasheet HTML 4Page - Cypress Semiconductor W149 Datasheet HTML 5Page - Cypress Semiconductor W149 Datasheet HTML 6Page - Cypress Semiconductor W149 Datasheet HTML 7Page - Cypress Semiconductor W149 Datasheet HTML 8Page - Cypress Semiconductor W149 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
W149
Document #: 38-07176 Rev. *A
Page 3 of 16
Overview
The W149 was developed as a single chip device to meet the
clocking needs of the Intel 440BX AGPset. In addition to the
typical outputs provided by standard 100-MHz 440BX AGPset
FTGs, the W149 adds a thirteen output buffer, supporting
SDRAM DIMM modules in conjunction with the chipset.
Cypress proprietary spread spectrum frequency synthesis
technique is a feature of the CPU and PCI outputs. This fea-
ture reduces the peak EMI measurements of not only the out-
put signals and their harmonics, but also of any other clock
signals that are properly synchronized to them.
Functional Description
I/O Pin Operation
Pins 7, 25, 26, 46 are dual-purpose l/O pins. Upon power-up
these pins act as logic inputs, allowing the determination of
assigned device functions. A short time after power-up, the
logic state of each pin is latched and the pins become clock
outputs. This feature reduces device pin count by combining
clock outputs with input select pins.
An external 10-k
Ω “strapping” resistor is connected between
the l/O pin and ground or VDD. Connection to ground sets a
latch to “0”, connection to VDD sets a latch to “1”. Figure 1 and
Figure 2 show two suggested methods for strapping resistor
connections.
Upon W149 power-up, the first 2 ms of operation is used for
input logic selection. During this period, the four I/O pins (7,
25, 26, 46) are three-stated, allowing the output strapping re-
sistor on the l/O pins to pull each pin and its associated capac-
itive clock load to either a logic HIGH or LOW state. At the end
of the 2-ms period, the established logic “0” or “1” condition of
the l/O pin is latched. Next the output buffer is enabled, con-
verting the l/O pins into operating clock outputs. The 2-ms tim-
er starts when VDD reaches 2.0V. The input bits can only be
reset by turning VDD off and then back on again.
It should be noted that the strapping resistors have no signifi-
cant effect on clock output signal integrity. The drive imped-
ance of clock output is <40
Ω (nominal), which is minimally
affected by the 10-k
Ω strap to ground or V
DD. As with the se-
ries termination resistor, the output strapping resistor should
be placed as close to the l/O pin as possible in order to keep
the interconnecting trace short. The trace from the resistor to
ground or VDD should be kept less than two inches in length
to prevent system noise coupling during input logic sampling.
When the clock outputs are enabled following the 2-ms input
period, the specified output frequency is delivered on the pin,
assuming that VDD has stabilized. If VDD has not yet reached
full value, output frequency initially may be below target but will
increase to target once VDD voltage has stabilized. In either
case, a short output clock cycle may be produced from the
CPU clock outputs when the outputs are enabled.
Power-on
Reset
Timer
Output Three-state
Data
Latch
Hold
QD
W149
VDD
Clock Load
10 k
Ω
Output
Buffer
(Load Option 1)
10 k
Ω
(Load Option 0)
Output
Low
Output Strapping Resistor
Series Termination Resistor
Figure 1. Input Logic Selection Through Resistor Load Option
Power-on
Reset
Timer
Output Three-state
Data
Latch
Hold
QD
W149
VDD
Clock Load
R
10 k
Ω
Output
Buffer
Output
Low
Output Strapping Resistor
Series Termination Resistor
Jumper Options
Resistor Value R
Figure 2. Input Logic Selection Through Jumper Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com