Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6624P0LP Datasheet(PDF) 39 Page - STMicroelectronics

Part # VS6624P0LP
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Datasheet(HTML) 39 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 35Page - STMicroelectronics VS6624P0LP Datasheet HTML 36Page - STMicroelectronics VS6624P0LP Datasheet HTML 37Page - STMicroelectronics VS6624P0LP Datasheet HTML 38Page - STMicroelectronics VS6624P0LP Datasheet HTML 39Page - STMicroelectronics VS6624P0LP Datasheet HTML 40Page - STMicroelectronics VS6624P0LP Datasheet HTML 41Page - STMicroelectronics VS6624P0LP Datasheet HTML 42Page - STMicroelectronics VS6624P0LP Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
VL6624/VS6624
Host communication - I²C control interface
39/106
10.5
Acknowledge
After every byte transferred the receiver must output an acknowledge bit. To acknowledge
the data byte receiver pulls SDA during the 9th SCL clock cycle generated by the master. If
SDA is not pulled low then the transmitter stops the output of data and releases control of
the bus back to the master so that it can either generate a STOP or a repeated START
condition.
Figure 24. Data acknowledge
10.6
Index space
Communication using the serial bus centres around a number of registers internal to the
either the sensor or the co-processor. These registers store sensor status, set-up, exposure
and system information. Most of the registers are read/write allowing the receiving
equipment to change their contents. Others (such as the chip id) are read only.
The internal register locations are organized in a 64k by 8-bit wide space. This space
includes “real” registers, SRAM, ROM and/or micro controller values.
S
12
89
START Condition
Negative Acknowledge (A)
Acknowledge (A)
Clock Pulse for Acknowledge
SDA data
transmitter
output by
SDA data
receiver
output by
SCL clock
from master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com