Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT162H245CTPVC Datasheet(PDF) 2 Page - Texas Instruments

Part # CY74FCT162H245CTPVC
Description  16-Bit Transceivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT162H245CTPVC Datasheet(HTML) 2 Page - Texas Instruments

  CY74FCT162H245CTPVC Datasheet HTML 1Page - Texas Instruments CY74FCT162H245CTPVC Datasheet HTML 2Page - Texas Instruments CY74FCT162H245CTPVC Datasheet HTML 3Page - Texas Instruments CY74FCT162H245CTPVC Datasheet HTML 4Page - Texas Instruments CY74FCT162H245CTPVC Datasheet HTML 5Page - Texas Instruments CY74FCT162H245CTPVC Datasheet HTML 6Page - Texas Instruments CY74FCT162H245CTPVC Datasheet HTML 7Page - Texas Instruments CY74FCT162H245CTPVC Datasheet HTML 8Page - Texas Instruments CY74FCT162H245CTPVC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CY74FCT16245T
CY74FCT162245T
CY74FCT162H245T
2
Maximum Ratings[3, 4]
(Above which the useful life may be impaired. For user
guidelines, not tested.)
Storage Temperature ........................Com’l -55
°C to +125°C
Ambient Temperature with
Power Applied....................................Com’l -55
°C to +125°C
DC Input Voltage ........................................... –0.5V to +7.0V
DC Output Voltage......................................... –0.5V to +7.0V
DC Output Current
(Maximum Sink Current/Pin) ........................–60 to +120 mA
Power Dissipation .......................................................... 1.0W
Static Discharge Voltage............................................>2001V
(per MIL-STD-883, Method 3015)
Notes:
1.
On CY74FCT162H245T these pins have bus hold.
2.
H = HIGH Voltage Level. L = LOW Voltage Level. X = Don’t Care. Z = High Impedance.
3.
Operation beyond the limits set forth may impair the useful life of the device. Unless otherwise noted, these limits are over the operating free-air temperature range.
4.
Unused inputs must always be connected to an appropriate logic voltage level, preferably either VCC or ground.
Pin Description
Name
Description
OE
Three-State Output Enable Inputs (Active LOW)
DIR
Direction Control
A
Inputs or Three-State Outputs[1]
B
Inputs or Three-State Outputs[1]
Function Table[2]
Inputs
Outputs
OE
DIR
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
H
X
High Z State
Operating Range
Range
Ambient
Temperature
VCC
Industrial
–40
°C to +85°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VH
Input Hysteresis[6]
100
mV
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=–18 mA
–0.7
–1.2
V
IIH
Input HIGH Current
Standard
VCC=Max., VI=VCC
±1
µA
Bus Hold
±100
IIL
Input LOW Current
Standard
VCC=Max., VI=GND
±1
µA
Bus Hold
±100
µA
IBBH
IBBL
Bus Hold Sustain Current on Bus Hold Input[7]
VCC=Min.
VI=2.0V
–50
µA
VI=0.8V
+50
IBHHO
IBHLO
Bus Hold Overdrive Current on Bus Hold Input[7] VCC=Max., VI=1.5V
TBD
mA
IOZH
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=2.7V
±1
µA
IOZL
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=0.5V
±1
µA
IOS
Short Circuit Current[8]
VCC=Max., VOUT=GND
–80
–140
–200
mA
IO
Output Drive Current[8]
VCC=Max., VOUT=2.5V
–50
–180
mA
IOFF
Power-Off Disable
VCC=0V, VOUT≤4.5V
[9]
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com