| Electronic Components Datasheet Search |
|
84C44X Datasheet(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
84C44X Datasheet(HTML) 25 Page - NXP Semiconductors |
|
25 / 38 page ![]() October 1994 26 Philips Semiconductors Product specification 8-bit microcontrollers with OSD and VST 84C44X; 84C64X; 84C84X 12.6.4 DERIVATIVE REGISTER OSDCB Table 21 Derivative register OSDCB (address 43H) Table 22 Description of OSDCB bits REGISTER FUNCTION OSDCB Determine the selection of: • The size of the dot matrix grid • Four colours from a possible seven for the display. 7 6 5 4 3 2 1 0 CDTW CDTH CC33 CC23 CC32 CC12 CC21 CC11 BIT SYMBOL FUNCTION 7 CDTW Character dot width control.The state of this bit determines the dot width of the character. When the CDTW bit is set to: Logic 1, the character width is 6 dots. Logic 0, the character width is 8 dots. 6 CDTH Character dot height control. The state of this bit determines the dot height of the character. When the CDTH bit is set to: Logic 1, the character height is 13 dots. Logic 0, the character height is 9 dots. 5 CC33 Colour control bits. In every VSYNCN cycle one screen can select any 4 colours from 7 and in addition a blank or black screen. Combinations of CC1X, CC2X and CC3X control the character outputs VOW1, VOW2 and VOW3 as shown in Table 24. 4 CC23 3 CC32 2 CC12 1 CC21 0 CC11 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |