Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA5302MS Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class D Amplifier, with Analog Inputs and Integrated 49.2mΩ RDS(ON) Output Stage
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 21Page - Infineon Technologies AG MA5302MS Datasheet HTML 22Page - Infineon Technologies AG MA5302MS Datasheet HTML 23Page - Infineon Technologies AG MA5302MS Datasheet HTML 24Page - Infineon Technologies AG MA5302MS Datasheet HTML 25Page - Infineon Technologies AG MA5302MS Datasheet HTML 26Page - Infineon Technologies AG MA5302MS Datasheet HTML 27Page - Infineon Technologies AG MA5302MS Datasheet HTML 28Page - Infineon Technologies AG MA5302MS Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
Datasheet
25 of 63
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5342MS
4.8.2
Frequency vs. THD+N
Figure 12
Frequency vs. THD+N @ 1W
0.001
0.01
0.1
1
20
200
2000
20000
Frequency(Hz)
4ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com