Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH103 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSH103
Description  Low cost triple video buffer/filter for standard video
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH103 Datasheet(HTML) 2 Page - STMicroelectronics

  TSH103 Datasheet HTML 1Page - STMicroelectronics TSH103 Datasheet HTML 2Page - STMicroelectronics TSH103 Datasheet HTML 3Page - STMicroelectronics TSH103 Datasheet HTML 4Page - STMicroelectronics TSH103 Datasheet HTML 5Page - STMicroelectronics TSH103 Datasheet HTML 6Page - STMicroelectronics TSH103 Datasheet HTML 7Page - STMicroelectronics TSH103 Datasheet HTML 8Page - STMicroelectronics TSH103 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute maximum ratings
TSH103
2/10
1
Absolute maximum ratings
2
Operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values are with respect to network terminal.
6V
Vin
Maximum input voltage swing
0 to 3
V
Toper
Operating free air temperature range
-40 to +85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthjc
SO-8 thermal resistance junction to case
28
°C/W
Rthja
SO-8 thermal resistance junction to ambient area
157
°C/W
ESD
HBM: human body model
CDM: charged device model
MM: machine model
3.5
1.5
200
kV
kV
V
Output short-circuit
(2)
2.
An output current limitation protects the circuit from transient currents. Short-circuits can cause excessive
heating. Destructive dissipation can result from short-circuits on amplifiers.
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Power supply voltage
4.5 to 5.5 (1)
1.
This range is guaranteed by design (the product is tested in full production at 5V single power supply).
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com