Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHV Datasheet(PDF) 2 Page - Radiall. All rights reserved.

Part # SHV
Description  FEMALE STRAIGHT PLUG CABLE 5/50
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIALL [Radiall. All rights reserved.]
Direct Link  https://www.radiall.com/
Logo RADIALL - Radiall. All rights reserved.

SHV Datasheet(HTML) 2 Page - Radiall. All rights reserved.

  SHV Datasheet HTML 1Page - Radiall. All rights reserved. SHV Datasheet HTML 2Page - Radiall. All rights reserved. SHV Datasheet HTML 3Page - Radiall. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
FEMALE STRAIGHT PLUG CABLE 5/50
PAGE 2/3
ISSUE 16-03-16P
SERIES SHV
PART NUMBER R317005000
This document contains proprietary information and such information shall not be disclosed to any third party for any purpose whatsoever or used for manufacturing purposes without prior written
agreement from Radiall. The data defined in this document are given as an indication, in the effort to improve our products; we reserve the right to make any changes judged necessary.
PACKAGING
Standard
Unit
Other
1
Contact us
Contact us
ELECTRICAL CHARACTERISTICS
Impedance
50
Frequency
0-2
GHz
VSWR
1.2
+
0,3000
x F(GHz) Maxi
Insertion loss
NA
F(GHz) dB Maxi
RF leakage
- (
NA
- F(GHz)) dB Maxi
Voltage rating
**
Veff Maxi
Dielectric withstanding voltage
10000*
Veff mini
Insulation resistance
5000
M
 mini
MECHANICAL CHARACTERISTICS
Center contact retention
Axial force
– Mating End
27
N mini
Axial force
– Opposite end
27
N mini
Torque
NA
N.cm mini
Recommended torque
Mating
NA
N.cm
Panel nut
NA
N.cm
Clamp nut
150
N.cm
A/F clamp nut
9,5000
mm
Mating life
500
Cycles mini
Weight
25,0000
g
ENVIRONMENTAL
Operating temperature
-65/+165
°C
Hermetic seal
NA
Atm.cm3/s
Panel leakage
NA
SPECIFICATION
CABLE ASSEMBLY
Stripping
a
b
c
d
e
f
mm
3.5
25
0
0
20.5
0
Assembly instruction:
Recommended cable(s)
RG 142 BU
RG 58
KX 15
Characteristics indicated on this data sheet are those that can be achieved with the highest
performance cable. Intrinsic limitations of the cable may diminish the performance of the
assembly
Cable retention
- pull off
180
N mini
- torque
NA
N.cm
TOOLING
OTHER CHARACTERISTICS
** 6000 V eff (DC)
** 3500 V rms (AC)
* 12000 V - Coupled Connector
Part Number
Description
Hexagon
R282223000
CRIMPING TOOL
HEX 1.73
R282235011
CRIMPING DIES M22520/5-11
HEX 1.73
R282293000
CRIMPING TOOL M22520/5-01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com