Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS391LT Datasheet(PDF) 2 Page - Chip Quik Inc.

Part # TS391LT
Description  Thermally Stable Solder Paste No-Clean Sn42/Bi57.6/Ag0.4 T4 (15g Syringe)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPQUIK [Chip Quik Inc.]
Direct Link  https://www.chipquik.com/
Logo CHIPQUIK - Chip Quik Inc.

TS391LT Datasheet(HTML) 2 Page - Chip Quik Inc.

  TS391LT Datasheet HTML 1Page - Chip Quik Inc. TS391LT Datasheet HTML 2Page - Chip Quik Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Recommended Profile
Reflow profile for Sn42/Bi57.6/Ag0.4 solder assembly, designed as a starting point for process optimization.
Test Results
Test J-STD-004 or other
requirements as stated
Test Requirement
Result
Copper Mirror
IPC-TM-650: 2.3.32
L: No breakthrough
Corrosion
IPC-TM-650: 2.6.15
L: No corrosion
Quantitative Halides
IPC-TM-650: 2.3.28.1
L: <0.05%
Electrochemical Migration
IPC-TM-650: 2.6.14.1
L: <1 decade drop (No-clean)
Surface Insulation Resistance 85°C,
85% RH @ 168 Hours
IPC-TM-650: 2.6.3.7
L: ≥100MΩ (No-clean)
Tack Value
IPC-TM-650: 2.4.44
33g
Viscosity – Malcom @ 10 RPM/25°C
(x103mPa/s)
IPC-TM-650: 2.4.34.4
Print: 140-195, Dispense: 115-160
Visual
IPC-TM-650: 3.4.2.5
Clear and free from precipitation
Conflict Minerals Compliance
Electronic Industry Citizenship
Coalition (EICC)
Compliant
REACH Compliance
Articles 33 and 67 of Regulation (EC)
No 1907/2006
Contains no substance >0.1% w/w that
is listed as a SVHC or restricted for
use in solder materials
Conforms to the following Industry Standards:
J-STD-004B, Amendment 1 (Solder Fluxes):
Yes
J-STD-005A (Solder Pastes):
Yes
J-STD-006C, Amendments 1 & 2 (Solder Alloys and Fluxed/Non-Fluxed Solders):
Yes
RoHS 2 Directive 2011/65/EU:
Yes
2
© 1994-2019 Chip Quik® Inc.
25°C (77°F)
0sec
90°C (194°F)
130°C (266°F)
138°C (281°F)
165°C (329°F)
90sec
180sec
210sec
240sec
270sec
Time
Temperature



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com