Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5506 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5506
Description  Fixed-Point Digital Signal Processor
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5506 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320VC5506 Datasheet HTML 49Page - Texas Instruments TMS320VC5506 Datasheet HTML 50Page - Texas Instruments TMS320VC5506 Datasheet HTML 51Page - Texas Instruments TMS320VC5506 Datasheet HTML 52Page - Texas Instruments TMS320VC5506 Datasheet HTML 53Page - Texas Instruments TMS320VC5506 Datasheet HTML 54Page - Texas Instruments TMS320VC5506 Datasheet HTML 55Page - Texas Instruments TMS320VC5506 Datasheet HTML 56Page - Texas Instruments TMS320VC5506 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 120 page
background image
Functional Overview
53
October 2006 − Revised January 2008
SPRS375C
Table 3−19. DMA Configuration Registers (Continued)
PORT ADDRESS
(WORD)
RESET VALUE†
DESCRIPTION
REGISTER NAME
CHANNEL #3 REGISTERS
0x0C60
DMA_CSDP3
DMA Channel 3 Source Destination
Parameters Register
0000 0000 0000 0000
0x0C61
DMA_CCR3[15:0]
DMA Channel 3 Control Register
0000 0000 0000 0000
0x0C62
DMA_CICR3[5:0]
DMA Channel 3 Interrupt Control Register
xxxx xxxx xx00 0011
0x0C63
DMA_CSR3[6:0]
DMA Channel 3 Status Register
xxxx xxxx xx00 0000
0x0C64
DMA_CSSA_L3
DMA Channel 3 Source Start Address Register
(lower bits)
Undefined
0x0C65
DMA_CSSA_U3
DMA Channel 3 Source Start Address Register
(upper bits)
Undefined
0x0C66
DMA_CDSA_L3
DMA Channel 3 Source Destination Address Register
(lower bits)
Undefined
0x0C67
DMA_CDSA_U3
DMA Channel 3 Source Destination Address Register
(upper bits)
Undefined
0x0C68
DMA_CEN3
DMA Channel 3 Element Number Register
Undefined
0x0C69
DMA_CFN3
DMA Channel 3 Frame Number Register
Undefined
0x0C6A
DMA_CSFI3
DMA Channel 3 Source Frame Index Register
Undefined
0x0C6B
DMA_CSEI3
DMA Channel 3 Source Element Index Register
Undefined
0x0C6C
DMA_CSAC3
DMA Channel 3 Source Address Counter
Undefined
0x0C6D
DMA_CDAC3
DMA Channel 3 Destination Address Counter
Undefined
0x0C6E
DMA_CDEI3
DMA Channel 3 Destination Element Index Register
Undefined
0x0C6F
DMA_CDFI3
DMA Channel 3 Destination Frame Index Register
Undefined
CHANNEL #4 REGISTERS
0x0C80
DMA_CSDP4
DMA Channel 4 Source Destination
Parameters Register
0000 0000 0000 0000
0x0C81
DMA_CCR4[15:0]
DMA Channel 4 Control Register
0000 0000 0000 0000
0x0C82
DMA_CICR4[5:0]
DMA Channel 4 Interrupt Control Register
xxxx xxxx xx00 0011
0x0C83
DMA_CSR4[6:0]
DMA Channel 4 Status Register
xxxx xxxx xx00 0000
0x0C84
DMA_CSSA_L4
DMA Channel 4 Source Start Address Register
(lower bits)
Undefined
0x0C85
DMA_CSSA_U4
DMA Channel 4 Source Start Address Register
(upper bits)
Undefined
0x0C86
DMA_CDSA_L4
DMA Channel 4 Source Destination Address Register
(lower bits)
Undefined
0x0C87
DMA_CDSA_U4
DMA Channel 4 Source Destination Address Register
(upper bits)
Undefined
0x0C88
DMA_CEN4
DMA Channel 4 Element Number Register
Undefined
0x0C89
DMA_CFN4
DMA Channel 4 Frame Number Register
Undefined
0x0C8A
DMA_CSFI4
DMA Channel 4 Source Frame Index Register
Undefined
0x0C8B
DMA_CSEI4
DMA Channel 4 Source Element Index Register
Undefined
0x0C8C
DMA_CSAC4
DMA Channel 4 Source Address Counter
Undefined
0x0C8D
DMA_CDAC4
DMA Channel 4 Destination Address Counter
Undefined
0x0C8E
DMA_CDEI4
DMA Channel 4 Destination Element Index Register
Undefined
0x0C8F
DMA_CDFI4
DMA Channel 4 Destination Frame Index Register
Undefined
† Hardware reset: x denotes a “don’t care.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com