Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS672LSB-LT Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS672LSB-LT
Description  Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB-LT Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS672LSB-LT Datasheet HTML 3Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 4Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 5Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 6Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 9Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 10Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
6
30Dec03, Rev. 1.42
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
ATS672LSB
POR. (Power-On Reset) Allows complete reset to the original
power-on state, when initial calibration occured, regardless of
the state of the device immediately prior to POR.
TC. (Temperature Coefficient) This supports fine tuning of the
ATS672 for flat parametric performance over the full rated oper-
ating temperature range.
Sensor Integration. The ATS672 contains a self-calibrating
Hall-effect IC that possesses temperature compensated amplifier
circuitry and a voltage regulator that provides supply noise rejec-
tion over the operating voltage range. The Hall transducer and
the electronics are integrated on the same silicon substrate using
a proprietary BiCMOS process. Changes in temperature do not
greatly affect this device due to the stable amplifier design and
the offset rejection circuitry.
Assembly Description. The ATS672 is integrally molded
into a plastic body that has been optimized for size, ease of
assembly, and manufacturability. High operating temperature
materials are used in all aspects of construction.
Operation. When proper power is applied to the sensor, it is
capable of providing digital information that is representative
of the profile of a rotating gear. No additional optimization is
needed and minimal processing circuitry is required. This ease
of use should reduce design time and incremental assembly costs
for most applications.
Sensing Technology. The sensor contains a single-chip Hall-
effect sensor IC, a 4-pin leadframe, and a specially-designed rare
earth magnet. The Hall IC possesses a Hall element that mea-
sures the magnetic gradient created by the passing of a ferrous
object. The difference in the magnetic gradients created by a
tooth and valley allow the generation of the digital output signal.
The following output diagram corresponds to a sensor with the
standard polarity.
Functional Description
Sensing technology. As the target moves by the sensor, there is a change in the magnetic flux density, B, which is measured in
gauss (G). The left panel shows the effect of a tooth opposite the sensor, a higher B. The right panel shows the effect of a valley,
a lower B.
Ferrous Target
Magnetic Gradient
Digital Output Signal
Mechanical Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com