Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6000GDPA167 Datasheet(PDF) 97 Page - Texas Instruments

Part # TMS320C6000GDPA167
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6000GDPA167 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320C6000GDPA167 Datasheet HTML 93Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 94Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 95Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 96Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 97Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 98Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 99Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 100Page - Texas Instruments TMS320C6000GDPA167 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 148 page
background image
TMS320C6713
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS186K − DECEMBER 2001 − REVISED OCTOBER 2005
97
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating case temperature range (unless otherwise noted)†
Supply voltage range, CVDD (see Note 2)
−0.3 V to 1.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, DVDD (see Note 2)
−0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range
−0.3 V to DVDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range
−0.3 V to DVDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature ranges, TC:
(default)
0
_C to 90_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(A version) [GDPA-200, and PYPA-167]
−40
_C to105_C
. . . . . .
Storage temperature range, Tstg
−65
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 2: All voltage values are with respect to VSS.
recommended operating conditions†
MIN
NOM
MAX
UNIT
CVDD
Supply voltage, Core referenced to VSS
PYP packages only
1.14
1.20
1.32
V
CVDD
Supply voltage, Core referenced to VSS
GDP packages only
1.14‡
1.20‡
1.32
V
DVDD
Supply voltage, I/O referenced to VSS
3.13
3.3
3.47
V
VIH
High-level input voltage
All signals except CLKS1/SCL1,
DR1/SDA1, SCL0, SDA0, and RESET
2
V
VIH
High-level input voltage
CLKS1/SCL1, DR1/SDA1, SCL0, SDA0,
and RESET
2
V
VIL
Low-level input voltage
All signals except CLKS1/SCL1,
DR1/SDA1, SCL0, SDA0, and RESET
0.8
V
VIL
Low-level input voltage
CLKS1/SCL1, DR1/SDA1, SCL0, SDA0,
and RESET
0.3*DVDD
V
IOH
High-level output current§
All signals except ECLKOUT, CLKOUT2,
CLKOUT3, CLKS1/SCL1, DR1/SDA1,
SCL0, and SDA0
−8
mA
OH
ECLKOUT, CLKOUT2, and CLKOUT3
−16
mA
I
Low-level output current§
All signals except ECLKOUT, CLKOUT2,
CLKOUT3, CLKS1/SCL1, DR1/SDA1,
SCL0, and SDA0
8
mA
IOL
Low-level output current§
ECLKOUT, CLKOUT2, and CLKOUT3
16
mA
CLKS1/SCL1, DR1/SDA1, SCL0, and
SDA0
3
mA
VOS
Maximum voltage during overshoot (See Figure 25)
4¶
V
VUS
Maximum voltage during undershoot (See Figure 26)
−0.7¶
V
TC
Operating case temperature
Default
0
90
_C
TC
Operating case temperature
A version (GDPA-200 and PYPA-167)
–40
105
_C
† The core supply should be powered up prior to (and powered down after), the I/O supply. Systems should be designed to ensure that neither
supply is powered up for an extended period of time if the other supply is below the proper operating voltage.
‡ These values are compatible with existing 1.26−V designs.
§ Refers to DC (or steady state) currents only, actual switching currents are higher. For more details, see the device-specific IBIS models.
¶ The absolute maximum ratings should not be exceeded for more than 30% of the cycle period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com