Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL-1105-G-F160-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TL-1105-G-F160-R
Description  TACT SWITCHES - 6mm x 6mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TL-1105-G-F160-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TL-1105-G-F160-R Datasheet HTML 1Page - List of Unclassifed Manufacturers TL-1105-G-F160-R Datasheet HTML 2Page - List of Unclassifed Manufacturers TL-1105-G-F160-R Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(None) = 4.3mm
A= 5.0mm
B= 9.5mm
SP = 2.8mm
SERIES
OPERATING
FORCE
CONTACT MTL./
TERMINATION
(None) = 4.3mm
A= 5.0mm
B= 9.5mm
C= 8.0mm
D = 13.0mm
E= 7.3mm
F= 7.0mm
G= 9.7mm
H = 12.5mm
K = 13.5mm
(Not available for
LL Series)
L = 17.0mm
P= 8.5mm
Y = 16.3mm
T = 2.4mm
SP = 2.8mm
ACTUATOR
("L" Dimension)
1105
F100
F160
F250
Q = Silver
R = Gold
See Cap Options
Caps available for
SP option only.
CAP
(Where Avail.)
CAP
COLOR
MODEL NO.
Example Ordering Number
TL _ 1105_ SP_ F160 _ Q _1R RED
TACT SWITCHES - 6mm x 6mm
SPECIFICATIONS
Contact Rating:
50mA @ 12 VDC (50mA @ 50VDC-gold)
Life Expectancy:
100,000 cycles
Contact Resistance:
100mΩ max., typical @ 2-4 VDC
100mA for both silver and gold plated contacts
Insulation Resistance:
100MΩ min.
Dielectric Strength:
250 VAC
Actuation Force:
100 ± 50 gf, 160 ± 50 gf, 250 ± 50 gf
Operating Temperature: -20°C to 70°C
Travel:
0.25 Typ
MATERIALS
Housing:
Nylon or PBT
Actuator:
Nylon, Acetal or PBT
Cover:
Polyester
Contacts:
Gold or silver plated
Terminals:
Silver plated brass
HOW TO ORDER
TL
TLE = Earth Ground
LL = Long Life
V = 3.85mm
W = 3.15mm
X = 5.85mm
R = 6.15mm
M = 6.85mm
S = 8.35mm
N = 11.85mm
Q = 15.85mm
J = 2.4mm
JA = 2.8mm
1105
(Rt. Angle)
F100
F160
F250
Q = Silver
R = Gold
See Cap Options
Caps available for
JA option only.
TL
LL = Long Life
– Square Snap-on Actuator Head
“L” Dimension is 6.35mm
Note: Contact E-Switch for additional
Operating Force Options.
Specifications subject to change without notice.
– Square Snap-on Actuator Head
“L” Dimension is 7.5mm
FEATURES & BENEFITS
Reliable dome contact technology
Strong tactile/audible feedback
Multiple operating force options
APPLICATIONS/MARKETS
Telecommunications
Consumer Electronics
Audio/visual
Medical
Testing/instrumentation
Computer/servers/peripherals
Phone: 800-867-2717
Fax: 763-531-8235
24
SERIES TL1105 SWITCHES


Similar Part No. - TL-1105-G-F160-R

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
TL-1125 RICHCO-TL-1125 Datasheet
57Kb / 1P
TWIST - LOK
More results

Similar Description - TL-1105-G-F160-R

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL3301 E-SWITCH-TL3301 Datasheet
229Kb / 2P
TACT SWITCHES SMT - 6mm x 6mm
TL1105 E-SWITCH-TL1105 Datasheet
240Kb / 3P
TACT SWITCHES - 6mm x 6mm
TL3303 E-SWITCH-TL3303 Datasheet
118Kb / 1P
TACT SWITCHES SMT - 6mm x 6mm
logo
List of Unclassifed Man...
MJTP_6MM ETC2-MJTP_6MM Datasheet
343Kb / 5P
MJTP SERIES 6MM THRU-HOLE MTG TACT SWITCHES
logo
E-SWITCH
TL1105AF160Q E-SWITCH-TL1105AF160Q Datasheet
240Kb / 3P
SERIES TL1105 SWITCHES TACT SWITCHES - 6mm x 6mm
TL1105DF250Q E-SWITCH-TL1105DF250Q Datasheet
240Kb / 3P
TACT SWITCHES - 6mm x 6mm
TL1105WF250Q E-SWITCH-TL1105WF250Q Datasheet
240Kb / 3P
TACT SWITCHES - 6mm x 6mm
logo
List of Unclassifed Man...
ADTSM32NV ETC2-ADTSM32NV Datasheet
143Kb / 3P
3.5 x 6mm TACT SWITCH
logo
E-SWITCH
TL1105SF250Q E-SWITCH-TL1105SF250Q Datasheet
1Mb / 4P
TACT SWITCHES - 6mm x 6mm
logo
TE Connectivity Ltd
1825910 TEC-1825910_V01 Datasheet
326Kb / 2P
6MM TACT SWITCH, THRU-HOLE HIGH TEMP
Rev. D
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com