Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8201112 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8201112
Description  Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8201112 Datasheet(HTML) 1 Page - Festo Corporation.

  8201112 Datasheet HTML 1Page - Festo Corporation. 8201112 Datasheet HTML 2Page - Festo Corporation. 8201112 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Controller
CECC-S
Part number: 8201112
General operating condition
Data sheet
Feature
Value
Corrosion resistance class (CRC)
0 - No corrosion stress
Certification
RCM compliance mark
c UL us - Listed (OL)
LABS (PWIS) conformity
VDMA24364-B2-L
Note on materials
RoHS-compliant
Nominal operating voltage DC
24 V
Operating voltage
20.4 - 30 V DC
Current consumption
120 mA
Max. power supply
6 A
Ambient temperature
0 °C ... 55 °C
Storage temperature
-25 °C ... 70 °C
Relative air humidity
95 %
Non-condensing
Degree of protection
IP20
Protection class
III
Product weight
270 g
Resistance to vibration
as per EN 61131-2
Resistance to shock
as per EN 61131-2
Electrical connection technology I/O
Socket strip, 3.5 mm grid
Status indications
LED
CPU data
Dual core 500 MHz
Digital inputs, number
12
Digital inputs, switching logic
Positive logic (PNP)
Digital inputs, fast clock pulse inputs
2, each with max. 200 kHz
Digital inputs, input signal delay
3 ms typ.
Digital inputs, input voltage/current
24 V DC
Digital inputs, nominal value for TRUE
>= 15 VDC
Digital inputs, nominal value for FALSE
<= 5 VDC
Digital inputs, electrical isolation
Yes, optocoupler
Digital inputs, status indication
LED
Max. cable length
30 m inputs
Digital outputs, number
8
Digital outputs, switching logic
Positive logic (PNP)
Digital outputs, contact
Transistor
Digital outputs, output voltage
24 V DC
Digital outputs, output current
500 mA
3/17/26 - Subject to change - Festo SE & Co. KG
1/3


Similar Part No. - 8201112

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8201111 FESTO-8201111 Datasheet
76Kb / 2P
Controller
More results

Similar Description - 8201112

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
CAN (Controller Area Network) Controller
logo
Power-One
XCS POWER-ONE-XCS Datasheet
36Kb / 2P
Controller
logo
Hitachi Semiconductor
H2570 HITACHI-H2570 Datasheet
114Kb / 2P
CONTROLLER
logo
ON Semiconductor
FUSB3301 ONSEMI-FUSB3301 Datasheet
112Kb / 7P
Controller for Controller for Adapters
March, 2018 ??Rev. 2
logo
TT Electronics.
DS3019 TTELEC-DS3019 Datasheet
310Kb / 2P
Controller
logo
Festo Corporation.
CMXH-ST2-C5-7-DIOP FESTO-CMXH-ST2-C5-7-DIOP Datasheet
91Kb / 2P
Controller
4252742 FESTO-4252742 Datasheet
84Kb / 3P
Controller
4252744 FESTO-4252744 Datasheet
85Kb / 3P
Controller
5226780 FESTO-5226780 Datasheet
76Kb / 2P
Controller
5266781 FESTO-5266781 Datasheet
77Kb / 2P
Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com