Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL-1105-Y-F160-R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TL-1105-Y-F160-R
Description  TACT SWITCHES - 6mm x 6mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TL-1105-Y-F160-R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TL-1105-Y-F160-R Datasheet HTML 1Page - List of Unclassifed Manufacturers TL-1105-Y-F160-R Datasheet HTML 2Page - List of Unclassifed Manufacturers TL-1105-Y-F160-R Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TL 1105 J/LL 1105 J
Model No.
‘S’ Dim.
TL1105J
2.4 mm
TL1105JA
2.8 mm
SCHEMATIC
P.C. MOUNTING
TL 1105/LL 1105
RIGHT ANGLE
SCHEMATIC
P.C. MOUNTING
Phone: 800-867-2717
Fax: 763-531-8235
26
SERIES TL1105 SWITCHES
TACT SWITCHES - 6mm x 6mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com