Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7350A Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7350A
Description  22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7350A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7350A_05 Datasheet HTML 15Page - STMicroelectronics TDA7350A_05 Datasheet HTML 16Page - STMicroelectronics TDA7350A_05 Datasheet HTML 17Page - STMicroelectronics TDA7350A_05 Datasheet HTML 18Page - STMicroelectronics TDA7350A_05 Datasheet HTML 19Page - STMicroelectronics TDA7350A_05 Datasheet HTML 20Page - STMicroelectronics TDA7350A_05 Datasheet HTML 21Page - STMicroelectronics TDA7350A_05 Datasheet HTML 22Page - STMicroelectronics TDA7350A_05 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
TDA7350A
20/23
A two transistor network (fig. 50) has been adopted whose components can be changed in order to
achieve the desired gain without affecting the good performances of the audio amplifier itself.
The recommended values for 40 dB overall gain are :
Table 6.
Figure 50.
Resistance
Stereo
Stereo
R1
10K
Ω
10K
Ω
R2
4.3K
Ω
16K
Ω
R3
10K
Ω
24K
Ω
R4
50K
Ω
50K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com