Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST200M Datasheet(PDF) 2 Page - ABB

Part # ST200M
Description  Miniature Circuit Breaker - ST200M
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ST200M Datasheet(HTML) 2 Page - ABB

  ST200M Datasheet HTML 1Page - ABB ST200M Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.59 kg
Package Level 1 Gross Weight
4016779032735
Package Level 1 EAN
EC000042 - Miniature circuit breaker (MCB)
ETIM 5
EC000042 - Miniature circuit breaker (MCB)
ETIM 6
EC000042 - Miniature circuit breaker (MCB)
ETIM 7
7.0 27141901
eClass
39121614
UNSPSC
Classifications
—
Low Voltage Products and Systems → Modular DIN Rail Products → Miniature Circuit Breakers MCBs
Categories
—
2
ST203M-C25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com