Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5706 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5706 Datasheet HTML 17Page - Texas Instruments TAS5706 Datasheet HTML 18Page - Texas Instruments TAS5706 Datasheet HTML 19Page - Texas Instruments TAS5706 Datasheet HTML 20Page - Texas Instruments TAS5706 Datasheet HTML 21Page - Texas Instruments TAS5706 Datasheet HTML 22Page - Texas Instruments TAS5706 Datasheet HTML 23Page - Texas Instruments TAS5706 Datasheet HTML 24Page - Texas Instruments TAS5706 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
www.ti.com
PO − Total Output Power − W
0.0
0.5
1.0
1.5
2.0
0
5
10
15
20
25
30
35
40
G018
VCC = 24 V
VCC = 12 V
RL = 4 Ω
VCC = 18 V
PO − Output Power (Per Channel) − W
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
G017
VCC = 12 V
VCC = 18 V
VCC = 24 V
RL = 4 Ω
VCC − Supply Voltage − V
0
2
4
6
8
10
12
14
16
18
20
10
12
14
16
18
20
22
24
26
G019
THD+N = 1%
THD+N = 10%
RL = 4 Ω
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
TYPICAL CHARACTERISTICS, SE CONFIGURATION (continued)
EFFICIENCY
SUPPLY CURRENT
vs
vs
OUTPUT POWER
TOTAL OUTPUT POWER
Figure 26.
Figure 27.
OUTPUT POWER
vs
SUPPLY VOLTAGE
Figure 28.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com