Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5706PAPRG4 Datasheet(PDF) 37 Page - Texas Instruments

Part # TAS5706PAPRG4
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAPRG4 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TAS5706PAPRG4 Datasheet HTML 33Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 34Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 35Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 36Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 37Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 38Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 39Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 40Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
www.ti.com
APPLICATION INFORMATION
Recovery From Error
Interchannel Delay (ICD) Settings
Calculation of Output Signal Level of TAS5706 Feedback Power Stage
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
Protection Mechanisms in the TAS5706
• SCP (short-circuit protection, OCP) protects against shorts across the load, to GND, and to PVCC.
• OTP turns off the device if T
die (typical) > 150°C.
• UVP turns off the device if PVCC (typical) < 8.4 V
• OVP turns off the device if PVCC (typical) > 27.5 V
A short-circuit condition can be detected also by an external controller. The SCP error from the external power
stage is also fed into TAS5706. The VALID pin goes low in the event of a short circuit. The VALID pin can be
monitored by an external
µC. The TAS5706 initiates a back-end error sequence by itself to recover from the
error, which involves settling VALID low for a programmable amount of time and then retrying to check whether
the SCP condition still exists.
• OTP turns on the device back when T
die(typical) < 135°C.
• UVP turns on the device if PVCC (typical) is > 8.5 V.
• OVP turns on the device if PVCC (typical) is < 27.2 V.
Recommended ICD Settings
Mode
Description
ICD1
ICD2
ICD3
ICD4
ICD5
ICD6
2.0 ch BD BTL
2 BTL channels, internal
A(L+) = 19
C(R+) = 13
B(L–) = 7
D(R–) = 25
SM(S–) = –12 SP(S+) = –28
power stage only, BD
(0x4C)
(0x34)
(0x1C)
(0x64)
(0xD0)
(0x90)
mode
2.1 ch AD BTL
2 internal BTL channels,
A(L+) = 23
C(R+) = 9
B(L–) = 21
D(R–) = 11
SM(S–) = –23 SP(S+) = –21
1 external BTL channel
(0x5C)
(0x24)
(0x54)
(0x2C)
(0xA4)
(0xAC)
using PBTL TAS5601,
AD mode
2.1 ch AD SE
2 internal SE channels (2
A(L+) = 15
B(R–) = –15
B(0) = 0
D(0) = 0
SM(S–) = –30 SP(S+) = –32
unused), 1 external BTL
(0x3C)
(0xC4)
(0x00)
(0x00)
(0x88)
(0x80)
channel using PBTL
TAS5601, AD mode
2.1 ch BD BTL
2 internal BTL channels,
A(L+) = 19
C(R+) = 13
B(L–) = 7
D(R–) = 25
SM(S–) = –12 SP(S+) = –28
1 external BTL channel
(0x4C)
(0x34)
(0x1C)
(0x64 )
(0xD0)
(0x90)
using PBTL TAS5601,
BD mode
3.0 ch AD 2SE + 2 internal SE channels +
A(L+) = 15
B(R–) = –16
SM(0) = 0
SP(0) = 0
D(S–) = 0
C(S+) = 2
1 BTL
1 internal BTL channel,
(0x3C)
(0xC0)
(0x00)
(0x00)
(0x00)
(0x08)
AD mode
4.0 ch AD SE
4 internal SE channels
A(L1+) = 8
B(R1–) = –24
C(L2+) = –8
D(R2–) = 24
SM(0) = 1
SP(0) = –1
(=0x20)
(0xA0)
(0xE0)
(0x60)
(0x04)
(0xFC)
4.1 ch AD SE
4 internal SE channels +
A(L1+) = 8
B(R1–) = –24
C(L2+) = –8
D(R2–)= 24
SM(S–) = 1
SP(S+) = –1
1 external BTL channel,
(0x20)
(0xA0)
(xE0)
(0x60)
(0x04)
(0xFC)
using PBTL TAS5601,
AD mode.
(Gain Is independent of PVCC)
The gain of the TAS5706 is the total digital gain of the controller multiplied by the gain of the power stage.
For a half-bridge channel of the TAS5706 power stage, the gain is simply:
Power stage gain = 13
× V
RMS / Modulation Level
Modulation level = fraction of full-scale modulation of the PWM signal at the input of the power stage.
VRMS = Audio voltage level at the output of the power stage = 13 × Modulation Level
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com