Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA151 Datasheet(PDF) 19 Page - Texas Instruments

Part # INA151
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA151 Datasheet HTML 15Page - Texas Instruments INA151 Datasheet HTML 16Page - Texas Instruments INA151 Datasheet HTML 17Page - Texas Instruments INA151 Datasheet HTML 18Page - Texas Instruments INA151 Datasheet HTML 19Page - Texas Instruments INA151 Datasheet HTML 20Page - Texas Instruments INA151 Datasheet HTML 21Page - Texas Instruments INA151 Datasheet HTML 22Page - Texas Instruments INA151 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
7.3.3 Reference Voltage Range for G=1/4 (INA151D)
The topology of the internal amplifiers in INA151D establishes constraint on linear performance dependent on
supply voltage, common-mode input voltage and reference voltage. Figure 7-6 illustrates this interdependency,
showing how the (input referred) offset voltage increases non-linearly if the reference voltage exceeds the linear
operating range.
For a power supply configuration of VS= ±5V and common-mode input voltage set to mid-supply, VREF must stay
at or below GND (down to negative supply, thus −5V) for linear operating range.
For a power supply configuration of VS = ±10V and common-mode input voltage set to mid-supply, VREF must
stay at or below 2V (down to negative supply, thus −10V) for linear operating range.
Figure 7-6. Offset Voltage (RTI) vs Reference Voltage of INA151D
7.4 Device Functional Modes
The INA151 has two functional modes of operation being enabled when the enable pin is driven to logic
high and being disabled when the enable pin is driven logic low and the output stage being shut off. When
the device is enabled, the device draws a typical consumption current of 450μA. When disabled the current
consumption is 30% lower at typical 300μA. The device is functional as long as the power supply voltages are
in the recommended operating voltage range of 2.7V (±1.35V) to 20V (±10V). Operational temperature range of
INA151 is from –40°C to 125°C.
7.4.1 Output Enable and Disable
The INA151 includes an enable pin (EN) that enables or disables the output stage of the amplifier. When the
output stage is disabled, the output is set to a high-impedance state.
This function can be leveraged to perform a multiplexing function in a stacked system with multiple channels,
eliminating the need for an external multiplexer. By sequentially enabling one device at a time while keeping
other devices disabled, each output can be directly sampled by a single ADC input. Additionally the disable
function achieves a 30% reduction of quiescent current, thereby supporting power efficient operation in power
sensitive applications.
When the enable pin is driven to logic high (EN=HIGH), the device needs to bias internally with a typical delay
time of 15μs until settled to 0.1% error band. When disabled the device shut down within a delay of 16μs
(typical). Consider implementing enough delay time between disabling one channel and enabling the subsequent
channel.
www.ti.com
INA151
SLVSIL6B – JANUARY 2026 – REVISED MARCH 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com