Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7763FDWR Datasheet(PDF) 28 Page - Texas Instruments

Part # ISO7763FDWR
Description  ISO776x High-speed, robust EMC, reinforced six-channel digital isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7763FDWR Datasheet(HTML) 28 Page - Texas Instruments

Back Button ISO7763FDWR Datasheet HTML 24Page - Texas Instruments ISO7763FDWR Datasheet HTML 25Page - Texas Instruments ISO7763FDWR Datasheet HTML 26Page - Texas Instruments ISO7763FDWR Datasheet HTML 27Page - Texas Instruments ISO7763FDWR Datasheet HTML 28Page - Texas Instruments ISO7763FDWR Datasheet HTML 29Page - Texas Instruments ISO7763FDWR Datasheet HTML 30Page - Texas Instruments ISO7763FDWR Datasheet HTML 31Page - Texas Instruments ISO7763FDWR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
7.3 Feature Description
Table 7-1 lists the device features.
Table 7-1. Device Features
PART NUMBER
CHANNEL DIRECTION
MAXIMUM DATA
RATE
DEFAULT
OUTPUT
PACKAGE
RATED ISOLATION(1)
ISO7760
6 Forward,
0 Reverse
100 Mbps
High
DW-16
5000 VRMS / 8000 VPK
DBQ-16
3000 VRMS / 4242 VPK
ISO7760 with F suffix
6 Forward,
0 Reverse
100 Mbps
Low
DW-16
5000 VRMS / 8000 VPK
DBQ-16
3000 VRMS / 4242 VPK
ISO7761
5 Forward,
1 Reverse
100 Mbps
High
DW-16
5000 VRMS / 7071 VPK
DBQ-16
3000 VRMS / 4242 VPK
ISO7761 with F suffix
5 Forward,
1 Reverse
100 Mbps
Low
DW-16
5000 VRMS / 7071 VPK
DBQ-16
3000 VRMS / 4242 VPK
ISO7762
4 Forward,
2 Reverse
100 Mbps
High
DW-16
5000 VRMS / 7071 VPK
DBQ-16
3000 VRMS / 4242 VPK
ISO7762 with F suffix
4 Forward,
2 Reverse
100 Mbps
Low
DW-16
5000 VRMS / 7071 VPK
DBQ-16
3000 VRMS / 4242 VPK
ISO7763
3 Forward,
3 Reverse
100 Mbps
High
DW-16
5000 VRMS / 7071 VPK
DBQ-16
3000 VRMS / 4242 VPK
ISO7763 with F suffix
3 Forward,
3 Reverse
100 Mbps
Low
DW-16
5000 VRMS / 7071 VPK
DBQ-16
3000 VRMS / 4242 VPK
(1)
See Section 5.7 for detailed isolation ratings.
7.3.1 Electromagnetic Compatibility (EMC) Considerations
Many applications in harsh industrial environment are sensitive to disturbances such as electrostatic discharge
(ESD), electrical fast transient (EFT), surge and electromagnetic emissions. These electromagnetic disturbances
are regulated by international standards such as IEC 61000-4-x and CISPR 22. Although system-level
performance and reliability depends, to a large extent, on the application board design and layout, the ISO776x
family of devices incorporates many chip-level design improvements for overall system robustness. Some of
these improvements include:
• Robust ESD protection for input and output signal pins and inter-chip bond pads.
• Low-resistance connectivity of ESD cells to supply and ground pins.
• Enhanced performance of high voltage isolation capacitor for better tolerance of ESD, EFT and surge events.
• Bigger on-chip decoupling capacitors to bypass undesirable high energy signals through a low impedance
path.
• PMOS and NMOS devices isolated from each other by using guard rings to avoid triggering of parasitic
SCRs.
• Reduced common mode currents across the isolation barrier by ensuring purely differential internal operation.
ISO7760, ISO7761, ISO7762, ISO7763
SLLSER1H – AUGUST 2017 – REVISED JANUARY 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7760 ISO7761 ISO7762 ISO7763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com