Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-1502M12 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EMIF06-1502M12
Description  6-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-1502M12 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button EMIF06-1502M12 Datasheet HTML 2Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 3Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 4Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 5Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 6Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 7Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 8Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 9Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Recommendation on PCB assembly
EMIF06-1502M12
6/10
4
Recommendation on PCB assembly
4.1
Stencil opening design
1.
General recommendation on stencil opening design
a)
Stencil opening dimensions: L (Length), W (Width), T (Thickness).
Figure 12.
Stencil opening dimensions
b)
General design rule
Stencil thickness (T) = 75 ~ 125 µm
2.
Reference design
a)
Stencil opening thickness: 100 µm
b)
Stencil opening for central exposed pad: Opening to footprint ratio is 50%.
c)
Stencil opening for leads: Opening to footprint ratio is 90%.
Figure 13.
Recommended stencil window position
L
T
W
Aspect Ratio
W
T
-----
1.5
≥
=
Aspect Area
LW
×
2T L
W
+
()
----------------------------
0.66
≥
=
200 µm
190 µm
15 µm
15 µm
5µm
5µm
1800 µm
400 µm
1224 µm
288 µm
288 µm
50 µm
50 µm
Footprint
Stencil window
Footprint
0.40
0.20
0.60
0.25
2.10
0.40
1.80



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com