Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM124 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM124
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM124 Datasheet(HTML) 3 Page - STMicroelectronics

  LM124 Datasheet HTML 1Page - STMicroelectronics LM124 Datasheet HTML 2Page - STMicroelectronics LM124 Datasheet HTML 3Page - STMicroelectronics LM124 Datasheet HTML 4Page - STMicroelectronics LM124 Datasheet HTML 5Page - STMicroelectronics LM124 Datasheet HTML 6Page - STMicroelectronics LM124 Datasheet HTML 7Page - STMicroelectronics LM124 Datasheet HTML 8Page - STMicroelectronics LM124 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ELECTRICAL CHARACTERISTICS
VCC
+ = +5V, VCC– = Ground, VO = 1.4V, Tamb = +25oC (unless otherwise specified)
Symbol
Parameter
LM124 - LM224 - LM324
Unit
Min.
Typ.
Max.
Vio
Input Offset Voltage (note 3)
Tamb =+25
oC
LM324
Tmin.
≤ Tamb ≤ Tmax.
LM324
25
7
7
9
mV
Iio
Input Offset Current
Tamb =+25
oC
Tmin.
≤ Tamb ≤ Tmax.
230
100
nA
Iib
Input Bias Current (note 2)
Tamb =+25
oC
Tmin.
≤ Tamb ≤ Tmax.
20
150
300
nA
Avd
Large Signal Voltage Gain
(VCC
+ = +15V, RL =2k
Ω,VO = 1.4V to 11.4V)
Tamb =+25
oC
Tmin.
≤ Tamb ≤ Tmax.
50
25
100
V/mV
SVR
Supply Voltage Rejection Ratio (RS
≤ 10kΩ)
(VCC
+ = 5V to 30V)
Tamb =+25
oC
Tmin.
≤ Tamb ≤ Tmax.
65
65
110
dB
ICC
Supply Current, all Amp, no load
Tamb =+25
oCVCC = +5V
VCC = +30V
Tmin.
≤ Tamb ≤ Tmax.VCC = +5V
VCC = +30V
0.7
1.5
0.8
1.5
1.2
3
1.2
3
mA
Vicm
Input Common Mode Voltage Range
(VCC = +30V) - (note 4)
Tamb =+25
oC
Tmin.
≤ Tamb ≤ Tmax.
0
0
VCC -1.5
VCC -2
V
CMR
Common-mode Rejection Ratio (RS
≤ 10kΩ)
Tamb =+25
oC
Tmin.
≤ Tamb ≤ Tmax
70
60
80
dB
Isource
Output Current Source (Vid = +1V)
VCC = +15V, Vo = +2V
20
40
70
mA
Isink
Output Sink Current (Vid = -1V)
VCC = +15V, Vo =+2V
VCC = +15V, Vo = +0.2V
10
12
20
50
mA
µA
LM124 - LM224 - LM324
3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com